Electronic Components Datasheet Search
  English  ▼

X  

DIR9001 Datasheet(PDF) 4 Page - Texas Instruments

Part # DIR9001
Description  DIR9001 96-kHz, 24-Bit Digital Audio Interface Receiver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DIR9001 Datasheet(HTML) 4 Page - Texas Instruments

  DIR9001 Datasheet HTML 1Page - Texas Instruments DIR9001 Datasheet HTML 2Page - Texas Instruments DIR9001 Datasheet HTML 3Page - Texas Instruments DIR9001 Datasheet HTML 4Page - Texas Instruments DIR9001 Datasheet HTML 5Page - Texas Instruments DIR9001 Datasheet HTML 6Page - Texas Instruments DIR9001 Datasheet HTML 7Page - Texas Instruments DIR9001 Datasheet HTML 8Page - Texas Instruments DIR9001 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
8
7
6
5
4
3
2
1
AUDIO
FSOUT0
FSOUT1
SCKO
V
DD
DGND
XTO
XTI
CLKST
LRCKO
BCKO
DOUT
PSCK0
PSCK1
21
22
23
24
25
26
27
28
CKSEL
ERROR
FMT1
FMT0
V
CC
AGND
FILT
RST
RXIN
RSV
BFRAME
EMPH
UOUT
COUT
14
13
12
11
10
9
15
16
17
18
19
20
DIR9001
(TOP VIEW)
DIR9001
SLES198A – DECEMBER 2006 – REVISED MAY 2015
www.ti.com
Table 2. The Differences Between DIR1703 and DIR9001 in All I/O Pin (continued)
PIN NO.
DIR1703
DIR9001
DIFFERENCES
DESCRIPTIONS OF DIR9001
16
URBIT
UOUT
Pin name only
User data serial output synchronized with LRCKO
17
EMFLG
EMPH
Pin name only
Channel-status data Information of pre-emphasis (50
μs/15 μs)
18
BFRAME
BFRAME
Same function
Indication of top block of biphase input signal
19
BRSEL
RSV
Reserved
Reserved, must be connected to DGND
20
DIN
RXIN
Pin name only
Biphase digital data input
21
RST
RST
Same function
Reset control input, active-low
22
FILT
FILT
Same function
External filter connection terminal. Recommended filter must be connected.
23
AGND
AGND
Same function
Analog ground
24
VCC
VCC
Same function
Analog power supply, 3.3-V
25
FMT0
FMT0
Same function
Decoded serial digital audio data output format selection 0
26
FMT1
FMT1
Same function
Decoded serial digital audio data output format selection 1
27
UNLOCK
ERROR
Pin name only
Indication of internal PLL or data parity error
28
CKSEL
CKSEL
Same function
Selection of system clock source, Low: PLL (VCO) clock, High: XTI clock
6 Pin Configuration and Functions
4
Submit Documentation Feedback
Copyright © 2006–2015, Texas Instruments Incorporated
Product Folder Links: DIR9001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com