Electronic Components Datasheet Search
  English  ▼

X  

DIR9001 Datasheet(PDF) 8 Page - Texas Instruments

Part # DIR9001
Description  DIR9001 96-kHz, 24-Bit Digital Audio Interface Receiver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DIR9001 Datasheet(HTML) 8 Page - Texas Instruments

Back Button DIR9001 Datasheet HTML 4Page - Texas Instruments DIR9001 Datasheet HTML 5Page - Texas Instruments DIR9001 Datasheet HTML 6Page - Texas Instruments DIR9001 Datasheet HTML 7Page - Texas Instruments DIR9001 Datasheet HTML 8Page - Texas Instruments DIR9001 Datasheet HTML 9Page - Texas Instruments DIR9001 Datasheet HTML 10Page - Texas Instruments DIR9001 Datasheet HTML 11Page - Texas Instruments DIR9001 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
DIR9001
SLES198A – DECEMBER 2006 – REVISED MAY 2015
www.ti.com
Electrical Characteristics (continued)
All specifications at TA = 25°C, VDD = VCC = 3.3 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fS = 96 kHz, PLL locked, XTI connected
6
8.3
mA
to DGND
IDD
Supply current(7)
fS = 96 kHz, PLL locked, XTI connected
9
12.4
mA
to 24.576-MHz resonator
RXIN = H or L, XTI = L, RST = L
72
μA
fS = 96 kHz, PLL locked, XTI connected
40
55
mW
to DGND
PD
Power dissipation (7)
fS = 96 kHz, PLL locked, XTI connected
50
68
mW
to 24.576-MHz resonator
RXIN = H or L, XTI = L, RST = L
0.67
mW
TEMPERATURE RANGE
TA
Operation temperature range
–40
85
°C
θJA
Thermal resistance
28-pin T-SSOP
105
°C/W
7.6 Timing Requirements
All specifications at TA = 25°C, VDD = VCC = 3.3 V (unless otherwise noted)
MIN
NOM
MAX
UNIT
BIPHASE SIGNAL INPUT AND PLL
Input sampling frequency range
28
108
kHz
XTI SOURCE CLOCK
XTI is connected to clock source
24.576
XTI source clock frequency
MHz
XTI is connected to DGND
Not required
XTI input-clock duty cycle
XTI is connected to clock source
45%
55%
CLKST
tCLKST
CLKST pulse duration, high
4
20
μs
LATENCY
tLATE
LRCKO/DOUT latency
See Figure 14
3/fS
s
DATA OUTPUT(1)
tSCY
System clock pulse cycle time
18
ns
Delay time of SCK rising edge to BCK rising
tSCBC
4
8
15
ns
edge
tCKLR
Delay time of BCKO falling edge to LRCKO valid
–5
0.5
0.5
ns
See Figure 16
tBCY
BCKO pulse cycle time
1/64fS
s
tBCH
BCKO pulse duration, HIGH
60
ns
tBCL
BCKO pulse duration, LOW
60
ns
tBCDO
Delay time of BCKO falling edge to DOUT valid
–5
1
5
ns
tr
Rising time of all signals
10
ns
tf
Falling time of all signals
10
ns
(1)
Load capacitance of the LRCKO, BCKO, and DOUT pins is 20 pF. DOUT, LRCKO, and BCKO are synchronized with SCKO.
8
Submit Documentation Feedback
Copyright © 2006–2015, Texas Instruments Incorporated
Product Folder Links: DIR9001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com