Electronic Components Datasheet Search
  English  ▼

X  

DIR9001 Datasheet(PDF) 12 Page - Texas Instruments

Part # DIR9001
Description  DIR9001 96-kHz, 24-Bit Digital Audio Interface Receiver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DIR9001 Datasheet(HTML) 12 Page - Texas Instruments

Back Button DIR9001 Datasheet HTML 8Page - Texas Instruments DIR9001 Datasheet HTML 9Page - Texas Instruments DIR9001 Datasheet HTML 10Page - Texas Instruments DIR9001 Datasheet HTML 11Page - Texas Instruments DIR9001 Datasheet HTML 12Page - Texas Instruments DIR9001 Datasheet HTML 13Page - Texas Instruments DIR9001 Datasheet HTML 14Page - Texas Instruments DIR9001 Datasheet HTML 15Page - Texas Instruments DIR9001 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 38 page
background image
V
DD
2.7 V
Min. 100 ns
Reset
RST
Operation
Unknown
DIR9001
Status
DIR9001
SLES198A – DECEMBER 2006 – REVISED MAY 2015
www.ti.com
8.3 Feature Description
8.3.1 Acceptable Biphase Input Signal and Biphase Input Pin (RXIN)
The DIR9001 can decode the biphase signal format which is specified in one of the following standards.
Generally, these following standards may be called Sony/Philips digital interface format (S/PDIF) or AES/EBU.
•
IEC60958 (revised edition of former IEC958)
•
JEITA CPR-1205 (revised edition of former EIAJ CP-1201, CP-340)
•
AES3
•
EBU tech3250
The sampling frequency range and data word length which DIR9001 can decode is as follows:
•
Sampling frequency range is 28 kHz to 108 kHz.
•
Maximum audio sample word length is 24-bit.
Note of others about the biphase input signal.
•
The capture ratio of the built-in PLL complies with level III of sampling frequency accuracy (±12.5%), which is
specified in IEC60958-3.
•
The jitter tolerance of the DIR9001 complies with IEC60958-3.
•
The PLL may also lock in outside of the specified sampling-frequency range, but extended range is not
assured.
Notice about the signal level and transmission line of the biphase input signal.
•
The signal level and the transmission line (optical, differential, single-ended) are different in each standard.
•
The biphase input signal is connected to the RXIN pin of the DIR9001.
•
The RXIN pin has a 5-V tolerant TTL-level input.
•
An optical receiver module (optical to electric converter) such as TOSLINK, which is generally used in
consumer applications, is connected directly to the RXIN pin without added external components.
•
The output waveform of the optical receiver module varies depending on the characteristics of each product
type, so a dumping resistor or buffer amplifier might be required between the optical receiver module output
and the DIR9001 input. Careful handling is required if the optical receiver module and the DIR9001 are
separated by a long distance.
•
The DIR9001 needs an external amplifier if it is connected to a coaxial transmission line.
•
The DIR9001 needs an external differential to single-ended converter, attenuator, etc., for general consumer
applications if non-optical transmission line is used.
8.3.2 System Reset
The DIR9001 reset function is controlled by and external reset pin, RST.
The reset operation must be performed during the power-up sequence as shown in Figure 4. Specifically, the
DIR9001 requires reset operation with a 100-ns period after the supply voltage rises above 2.7 V.
Figure 4. Required System Reset Timing
12
Submit Documentation Feedback
Copyright © 2006–2015, Texas Instruments Incorporated
Product Folder Links: DIR9001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com