Electronic Components Datasheet Search
  English  ▼

X  

DIR9001PW Datasheet(PDF) 20 Page - Texas Instruments

Part # DIR9001PW
Description  DIR9001 96-kHz, 24-Bit Digital Audio Interface Receiver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DIR9001PW Datasheet(HTML) 20 Page - Texas Instruments

Back Button DIR9001PW Datasheet HTML 16Page - Texas Instruments DIR9001PW Datasheet HTML 17Page - Texas Instruments DIR9001PW Datasheet HTML 18Page - Texas Instruments DIR9001PW Datasheet HTML 19Page - Texas Instruments DIR9001PW Datasheet HTML 20Page - Texas Instruments DIR9001PW Datasheet HTML 21Page - Texas Instruments DIR9001PW Datasheet HTML 22Page - Texas Instruments DIR9001PW Datasheet HTML 23Page - Texas Instruments DIR9001PW Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 38 page
background image
DIR9001
SLES198A – DECEMBER 2006 – REVISED MAY 2015
www.ti.com
8.3.10 Calculation of Actual Sampling Frequency
The DIR9001 calculates the actual sampling frequency of the biphase input signal and outputs its result through
dedicated pins.
To use this function, a 24.576-MHz clock source must be supplied to the XTI pin. The 24.576-MHz clock is used
as a measurement reference clock to calculate the actual sampling frequency.
If the XTI pin is connected to DGND, calculation of the actual sampling frequency is not performed.
If there is an error in the XTI clock frequency, the calculation result and range are shifted correspondingly.
This output is the result of calculating the sampling frequency, it is not the sampling frequency information of the
channel-status data (bit 24–bit 27).
The sampling frequency information of the channel-status data (bit 24–bit 27) is not output through these pins.
The calculation result is decoded into 2-bit data, which is output on the FSOUT[1:0] pins.
If the PLL is locked but the sampling frequency is out-of-range, or if the PLL is unlocked, FSOUT[1:0] = HL is
output to indicate an abnormality.
When the XTI source clock is not supplied before power on, FSOUT [1:0] always outputs LL.
When the XTI source clock is stopped, the fS calculator holds the last value of the fS calculator result.
If XTI source clock is supplied, the fS calculator resumes operation.
The calculated value is held until reset.
The relationship between the FSOUT[1:0] outputs and the range of sampling frequencies is shown in Table 11.
Table 11. Calculated Sampling Frequency Output
CALCULATED SAMPLING FREQUENCY OUTPUT
ACTUAL SAMPLING FREQUENCY
NOMINAL fS
RANGE
FSOUT1
FSOUT0
Out of range
Out of range or PLL unlocked
H
L
32 kHz
31.2 kHz–32.8 kHz
H
H
44.1 kHz
43 kHz–45.2 kHz
L
L
48 kHz
46.8 kHz–49.2 kHz
L
H
8.4 Device Functional Modes
8.4.1 Operation Mode and Clock Transition Signal Out
8.4.1.1 Operation Mode
The DIR9001 has the following three operation modes.
These modes are selected by the connection of the CKSEL pin.
•
PLL MODE: For demodulating a biphase input signal; always outputs PLL source clock
•
XTI MODE: For clock generator; always outputs XTI source clock
•
AUTO MODE: Automatic clock source selection; output source depends on ERROR pin.
Notes about operation mode selection:
•
Normally, the PLL mode: CKSEL = L is selected to decode a biphase input signal.
•
The XTI mode is a mode that supplies the XTI source clock to peripheral devices (A/D converters, etc);
therefore, recovered clock and decoded data is not output.
•
When the XTI source is not used, an XTI source is not required. In this case, clocks are not output in the XTI
mode.
•
At the time of XTI mode selection, biphase decode function continues to operate. Therefore, the biphase input
status (ERROR) and the result of the sampling frequency calculator (a required XTI source for operation), are
always monitored. That is, the following output pins: ERROR, BFRAME, FSOUT[1:0], CLKST, AUDIO and
EMPH are always enabled.
20
Submit Documentation Feedback
Copyright © 2006–2015, Texas Instruments Incorporated
Product Folder Links: DIR9001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com