Electronic Components Datasheet Search
  English  ▼

X  

DIR9001PW Datasheet(PDF) 13 Page - Texas Instruments

Part # DIR9001PW
Description  DIR9001 96-kHz, 24-Bit Digital Audio Interface Receiver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DIR9001PW Datasheet(HTML) 13 Page - Texas Instruments

Back Button DIR9001PW Datasheet HTML 9Page - Texas Instruments DIR9001PW Datasheet HTML 10Page - Texas Instruments DIR9001PW Datasheet HTML 11Page - Texas Instruments DIR9001PW Datasheet HTML 12Page - Texas Instruments DIR9001PW Datasheet HTML 13Page - Texas Instruments DIR9001PW Datasheet HTML 14Page - Texas Instruments DIR9001PW Datasheet HTML 15Page - Texas Instruments DIR9001PW Datasheet HTML 16Page - Texas Instruments DIR9001PW Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
DIR9001
www.ti.com
SLES198A – DECEMBER 2006 – REVISED MAY 2015
Feature Description (continued)
The state of each output pins during reset is shown in Table 3.
Table 3. Output-Pin States During Reset Period
CLASSIFICATION
PIN NAME
WHILE RST = L
BCKO
L
Clock
LRCKO
L
SCKO
L
Data
DOUT
L
AUDIO
L
BFRAME
L
CLKST
L
COUT
L
Flag and status
EMPH
L
ERROR
H
FSOUT0
L
FSOUT1
L
UOUT
L
Oscillation amplifier
XTO
Output
8.3.3 Clock Description
8.3.3.1 System Clock Source
DIR9001 has the following two clock sources for the system clock.
•
PLL source (128 fS, 256 fS, 384 fS, 512 fS are available, recovered by built-in PLL)
•
XTI source (One 24.576-MHz resonator or external clock source is required.)
Two clock sources are used for the following purpose.
•
PLL source: Recovered system clock from the biphase input signal
•
XTI source: Clock source for peripheral devices (for example, A/D converter, microcontroller, etc.)
Measurement reference clock for the internal actual-sampling-frequency calculator
Description of PLL clock source
•
The PLL clock source is the output clock of built-in PLL (including VCO).
•
The PLL clock source frequency is selectable from 128 fS, 256 fS, 384 fS, 512 fS by PSCK[1:0].
•
When the PLL is in the locked condition, the PLL clock source is the clock recovered from the biphase input
signal.
•
When PLL is in the unlocked condition, the PLL clock source is the built-in free-running clock of the VCO.
•
The frequency of the PLL clock source in the unlocked condition is not constant.
(The VCO free-running frequency is dependent on supply voltage, temperature, and variations in the die’s
wafer.)
Description of XTI clock source
•
The XTI clock source is not used to recover the clock and decode data from the biphase input signal.
•
Therefore, if the DIR9001 is used only for recovering the clock and decoding data from the biphase input
signal, an XTI clock source is not required. In this case, the XTI pin must be connected to the DGND pin.
(The DIR9001 does not have a selection pin for using an XTI clock source or not using one.)
The selection method of clock source
•
The output clock is selected from two clock sources by the level of the CKSEL pin.
•
The selection of the system clock source depends only on the input level of CKSEL pin.
•
CKSEL = L setting is required for recovering the clock and decoding data from biphase input.
•
CKSEL = H setting is required for XTI clock source output.
•
The continuity of clock during the clock source transition between the XTI source and the PLL source is not
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: DIR9001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com