Electronic Components Datasheet Search
  English  ▼

X  

DIR9001PW Datasheet(PDF) 1 Page - Texas Instruments

Part # DIR9001PW
Description  DIR9001 96-kHz, 24-Bit Digital Audio Interface Receiver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DIR9001PW Datasheet(HTML) 1 Page - Texas Instruments

  DIR9001PW Datasheet HTML 1Page - Texas Instruments DIR9001PW Datasheet HTML 2Page - Texas Instruments DIR9001PW Datasheet HTML 3Page - Texas Instruments DIR9001PW Datasheet HTML 4Page - Texas Instruments DIR9001PW Datasheet HTML 5Page - Texas Instruments DIR9001PW Datasheet HTML 6Page - Texas Instruments DIR9001PW Datasheet HTML 7Page - Texas Instruments DIR9001PW Datasheet HTML 8Page - Texas Instruments DIR9001PW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
Clock and Data Recovery
SCKO
BCKO
LRCKO
DOUT
RXIN
Divider
FILT
XTO
XTI
FSOUT0
FSOUT1
RST
OSC
RESET
CLKST
EMPH
UOUT
COUT
BFRAME
VCO
CKSEL
DGND
ERROR
AUDIO
Power Supply
V
DD
DGND
AGND
V
CC
PSCK0
PSCK1
FMT0
RSV
PLL
Divider
Decoder
FMT1
Preamble
Detector
Charge
Pump
Sampling
Frequency
Calculator
Clock
Decoder
Biphase
Data Decoder
Serial
AudioData
Formatter
ERROR
Detector
Function
Control
AudioData
MUTE Control
Channel Status
and
UserData
Output
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
DIR9001
SLES198A – DECEMBER 2006 – REVISED MAY 2015
DIR9001 96-kHz, 24-Bit Digital Audio Interface Receiver
1 Features
3 Description
The DIR9001 is a digital audio interface receiver that
1
•
One-Chip Digital Audio Interface Receiver (DIR)
can
receive
a
28-kHz
to
108-kHz
sampling-
Including Low-Jitter Clock-Recovery System
frequency, 24-bit-data-word, biphase-encoded signal.
•
Compliant With Digital Audio Interface Standards:
The DIR9001 complies with IEC60958-3, JEITA CPR-
IEC60958 (former IEC958), JEITA CPR-1205
1205 (Revised version of EIAJ CP-1201), AES3,
(former EIAJ CP-1201, CP-340), AES3, EBU
EBUtech3250, and it can be used in various
tech3250
applications that require a digital audio interface.
•
Clock Recovery and Data Decode From Biphase
The DIR9001 supports many output system clock and
Input Signal, Generally Called S/PDIF, EIAJ CP-
output data formats and can be used flexibly in many
1201, IEC60958, AES/EBU
application systems. As the all functions which the
DIR9001 provides can be controlled directly through
•
Biphase Input Signal Sampling Frequency (fS)
control pins, it can be used easily in an application
Range: 28 kHz to 108 kHz
system that does not have a microcontroller. Also, as
•
Low-Jitter Recovered System Clock: 50 ps
dedicated pins are provided for the channel-status bit
•
Jitter Tolerance Compliant With IEC60958-3
and user-data bit, processing of their information can
be
easily
accomplished
by
connecting
with
a
•
Selectable Recovered System Clock: 128 fS,
microcontroller, DSP, or others.
256 fS, 384 fS, 512 fS
•
Serial Audio Data Output Formats: 24-Bit I2S;
The DIR9001 does not require an external clock
source or resonator for decode operation if the
MSB-First, 24-Bit Left-Justified; MSB-First 16-, 24-
internal actual-sampling-frequency calculator is not
Bit Right-Justified
used. Therefore, it is possible to reduce the cost of a
•
User Data, Channel-Status Data Outputs
system.
Synchronized With Decoded Serial Audio Data
The operating temperature range of the DIR9001 is
•
No External Clock Required for Decode
specified as –40°C to 85°C, which makes it suitable
•
Includes Actual Sampling Frequency Calculator
for automotive applications.
(Needs External 24.576-MHz Clock)
•
Function Control: Parallel (Hardware)
Device Information
PART NUMBER
PACKAGE
BODY SIZE (NOM)
•
Functions Similar and Pin Assignments Equivalent
to Those of DIR1703
DIR9001
TSSOP (28)
4.40 mm × 9.70 mm
•
Single Power Supply: 3.3 V (2.7 V to 3.6 V)
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
•
Wide Operating Temperature Range: –40°C to
85°C
•
5 V-Tolerant Digital Inputs
Block Diagram
•
Package: 28-pin TSSOP, Pin Pitch: 0,65 mm
2 Applications
•
AV/DVD Receiver, AV Amplifier
•
Car or Mobile Audio System
•
Digital Television
•
Musical Instruments
•
Recording Systems
•
High-End Audio/Sound Card for PC
•
Replacement of DIR1703
•
Other Applications Requiring S/PDIF Receiver
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - DIR9001PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DIR9001PW TI-DIR9001PW Datasheet
391Kb / 30P
96-kHz, 24-Bit Digital Audio Interface Receiver
logo
Burr-Brown (TI)
DIR9001PW BURR-BROWN-DIR9001PW Datasheet
394Kb / 32P
96-kHz, 24-Bit Digital Audio Interface Receiver
logo
Texas Instruments
DIR9001PW TI1-DIR9001PW Datasheet
995Kb / 38P
Digital Audio Interface Receiver
DIR9001PWG4 TI-DIR9001PWG4 Datasheet
391Kb / 30P
96-kHz, 24-Bit Digital Audio Interface Receiver
logo
Burr-Brown (TI)
DIR9001PWG4 BURR-BROWN-DIR9001PWG4 Datasheet
394Kb / 32P
96-kHz, 24-Bit Digital Audio Interface Receiver
More results

Similar Description - DIR9001PW

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CS8413 ETC-CS8413 Datasheet
646Kb / 38P
96 KHZ DIGITAL AUDIO RECEIVER
logo
Cirrus Logic
CS8415A CIRRUS-CS8415A Datasheet
766Kb / 42P
96 kHz DIGITAL AUDIO INTERFACE RECEIVER
CS8427 CIRRUS-CS8427 Datasheet
948Kb / 59P
96 kHz Digital Audio Interface Transceiver
logo
Texas Instruments
DIR9001 TI-DIR9001 Datasheet
391Kb / 30P
96-kHz, 24-Bit Digital Audio Interface Receiver
logo
Burr-Brown (TI)
DIR9001 BURR-BROWN-DIR9001 Datasheet
394Kb / 32P
96-kHz, 24-Bit Digital Audio Interface Receiver
DIR9001-Q1 BURR-BROWN-DIR9001-Q1 Datasheet
378Kb / 30P
96-kHz, 24-Bit Digital Audio Interface Receiver
logo
Cirrus Logic
CS8427 CIRRUS-CS8427_09 Datasheet
498Kb / 60P
96 kHz Digital Audio Interface Transceiver
CS8415A CIRRUS-CS8415A_05 Datasheet
583Kb / 46P
96 kHz Digital Audio Interface Receiver
CS8427 CIRRUS-CS8427_10 Datasheet
743Kb / 60P
96 kHz Digital Audio Interface Transceiver
logo
Texas Instruments
DIR9001IPWRQ1G4 TI1-DIR9001IPWRQ1G4 Datasheet
787Kb / 35P
96-kHz, 24-Bit Digital Audio Interface Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com