Electronic Components Datasheet Search
  English  ▼

X  

DIR9001PW Datasheet(PDF) 28 Page - Texas Instruments

Part # DIR9001PW
Description  DIR9001 96-kHz, 24-Bit Digital Audio Interface Receiver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DIR9001PW Datasheet(HTML) 28 Page - Texas Instruments

Back Button DIR9001PW Datasheet HTML 24Page - Texas Instruments DIR9001PW Datasheet HTML 25Page - Texas Instruments DIR9001PW Datasheet HTML 26Page - Texas Instruments DIR9001PW Datasheet HTML 27Page - Texas Instruments DIR9001PW Datasheet HTML 28Page - Texas Instruments DIR9001PW Datasheet HTML 29Page - Texas Instruments DIR9001PW Datasheet HTML 30Page - Texas Instruments DIR9001PW Datasheet HTML 31Page - Texas Instruments DIR9001PW Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 38 page
background image
fS − Sampling Frequency − kHz
20
40
60
80
100
120
140
160
180
200
30
40
50
60
70
80
90
100
G003
128 fS
384 fS
256 fS
512 fS
VCC = VDD = 3.3 V
TA = 25°C
DIR9001
SLES198A – DECEMBER 2006 – REVISED MAY 2015
www.ti.com
Typical Application (continued)
9.2.2 Detailed Design Procedure
•
Hardware control with GPIO of microcontroller
•
Select crystal capacitors by reading the crystal data sheet
•
Select if system will be run off the recovered clock or the external crystal by setting CKSEL high for the
external crystal and low for the recovered clock
•
Decide sampling rate and audio related settings
•
Configure microcontroller to receive PCM data along with User and Channel data from S/PDIF or AES/EBU
data stream
9.2.3 Application Curve
Figure 18. SCKO Jitter vs Locked Sampling Frequency
28
Submit Documentation Feedback
Copyright © 2006–2015, Texas Instruments Incorporated
Product Folder Links: DIR9001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com