Electronic Components Datasheet Search
  English  ▼

X  

DIR9001PW Datasheet(PDF) 7 Page - Texas Instruments

Part # DIR9001PW
Description  DIR9001 96-kHz, 24-Bit Digital Audio Interface Receiver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DIR9001PW Datasheet(HTML) 7 Page - Texas Instruments

Back Button DIR9001PW Datasheet HTML 3Page - Texas Instruments DIR9001PW Datasheet HTML 4Page - Texas Instruments DIR9001PW Datasheet HTML 5Page - Texas Instruments DIR9001PW Datasheet HTML 6Page - Texas Instruments DIR9001PW Datasheet HTML 7Page - Texas Instruments DIR9001PW Datasheet HTML 8Page - Texas Instruments DIR9001PW Datasheet HTML 9Page - Texas Instruments DIR9001PW Datasheet HTML 10Page - Texas Instruments DIR9001PW Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
DIR9001
www.ti.com
SLES198A – DECEMBER 2006 – REVISED MAY 2015
7.4 Thermal Information
DR9001
THERMAL METRIC(1)
TSSOP (PW)
UNIT
28 PINS
RθJA
Junction-to-ambient thermal resistance
81.9
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
22.5
°C/W
RθJB
Junction-to-board thermal resistance
40
°C/W
ψJT
Junction-to-top characterization parameter
0.7
°C/W
ψJB
Junction-to-board characterization parameter
39.4
°C/W
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
7.5 Electrical Characteristics
All specifications at TA = 25°C, VDD = VCC = 3.3 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DIGITAL INPUT/OUTPUT CHARACTERISTICS
VIH
0.7 VDD
VDD
Input logic level(1)
VDC
VIL
0.3 VDD
VIH
2
5.5
Input logic level(2)
VDC
VIL
0.8
VOH
IO = 4 mA
0.85 VDD
Output logic level(3)
VDC
VOL
IO = –4 mA
0.15 VDD
IIH
VIN = VDD
65
100
Input leakage current(4)
μA
IIL
VIN = 0 V
–10
10
IIH
VIN = VDD
–10
10
Input leakage current(5)
μA
IIL
VIN = 0 V
–100
–65
IIH
VIN = VDD
–10
10
Input leakage current(6)
μA
IIL
VIN = 0 V
–10
10
BIPHASE SIGNAL INPUT AND PLL
Jitter tolerance — (IEC60958-3)
IEC60958-3 (2003-01)
Compliant
RECOVERED CLOCK AND DATA
Serial audio data width
16
24
Bit
fS = 48 kHz, SCKO = 256 fS, measured
SCKO jitter
50
100
ps rms
periodic
XTI SOURCE CLOCK
Frequency accuracy
XTI is connected to clock source
–100
100
ppm
POWER SUPPLY AND SUPPLY CURRENT
VCC
2.7
3.3
3.6
Operation voltage range
VDC
VDD
2.7
3.3
3.6
fS = 96 kHz, PLL locked, XTI connected
6
8.3
mA
to DGND
ICC
Supply current(7)
fS = 96 kHz, PLL locked, XTI connected
6
8.3
mA
to 24.576-MHz resonator
RXIN = H or L, XTI = L, RST = L
130
μA
(1)
CMOS compatible input: XTI (not 5-V tolerant)
(2)
5-V tolerant TTL inputs: RXIN, FMT0, FMT1, PSCK0, PSCK1, CKSEL, RST, RSV
(3)
CMOS outputs: XTO, SCKO, BCKO, LRCKO, DOUT, UOUT, COUT, BFRAME, ERROR, CLKST, AUDIO, EMPH, FSOUT0, FSOUT1
(4)
Internal pulldowns: FMT0, FMT1, PSCK0, PSCK1, CKSEL, RSV
(5)
Internal pullup: RST
(6)
No internal pullup and pulldown: RXIN, XTI
(7)
No load connected to SCKO, BCKO, LRCKO, DOUT, COUT, VOUT, BFRAME, FSOUT0, FSOUT1, CLKST, ERROR, EMPH, AUDIO
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: DIR9001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com