Electronic Components Datasheet Search
  English  ▼

X  

LTC1421 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC1421
Description  Dual Supply Hot Swap Controller for Advanced Mezzanine Card
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1421 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC1421 Datasheet HTML 7Page - Linear Technology LTC1421 Datasheet HTML 8Page - Linear Technology LTC1421 Datasheet HTML 9Page - Linear Technology LTC1421 Datasheet HTML 10Page - Linear Technology LTC1421 Datasheet HTML 11Page - Linear Technology LTC1421 Datasheet HTML 12Page - Linear Technology LTC1421 Datasheet HTML 13Page - Linear Technology LTC1421 Datasheet HTML 14Page - Linear Technology LTC1421 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
LTC4223-1/LTC4223-2
11
422312f
APPLICATIONS INFORMATION
Several conditions must be met before the external and
internal switches are allowed to turn on. First VCC and
the input supplies (12VIN, AUXIN) must exceed their
undervoltage lockout thresholds. Next TIMER must be
<0.2V and ⎯E⎯N must be pulled low.
Once these conditions are met, a debounce timing cycle is
initiated when AUXON or 12ON pin is toggled from low to
high. These two control pins turn on/off the 3.3V auxiliary
and 12V supplies. At the end of the debounce cycle, the
ON pins and fault status are checked. If both ON pins are
high and fault is cleared, the 3.3V auxiliary supply starts
up first followed by the 12V supply. Note that the turn-on
delay for the AUXON and 12ON pins is 15μs and 30μs.
Figure 2 shows the two supplies turning on in sequence
after ⎯E⎯N goes low.
By default, the internal pass transistor turns on first if
both ON pins are high and start-up conditions met. The
output is current limited at 240mA by its internal ACL
amplifier as the load current charging the output capaci-
tor increases. This causes the TIMER to ramp up with a
10μA pull-up. Normally the AUXOUT voltage exceeds its
power-good threshold before TIMER time-out and then
⎯A⎯U⎯X⎯P⎯G⎯O⎯O⎯D pulls low.
Once AUXOUT signals power is good and the TIMER pin
returns to <0.2V, the external MOSFET is then allowed to
turn on by charging up the GATE with a 10μA current source
(Figure 2). The voltage at the GATE pin rises with a slope
equal to 10μA/CG and the supply inrush current flowing
into the load capacitor CL1 (see Figure 14) is limited to:
I
C
C
µA
INRUSH
L
G
= 1 10
•
The 12V output follows the GATE voltage when the MOSFET
turns on. If the voltage across the current sense resistor
RS becomes too high, the inrush current is limited by the
internal current limit circuitry. Once the output, 12VOUT
exceeds its power-good threshold, ⎯1⎯2⎯P⎯G⎯O⎯O⎯D also pulls
low.
If only the 12ON pin is high at the end of debounce cycle,
the external MOSFET turns on first. After that, if AUXON
pulls high, the internal switch turns on only after the 12V
output signals power is good and TIMER <0.2V.
Figure 2. Normal Power-Up Sequence
Table 1. 12V and Auxiliary Supply Turn-Off Conditions
CONDITION
RESULT
CLEARED BY
AUX
12V
AUXON Goes
Low
Turns Off
No Effect
AUXON High
12ON Goes Low
No Effect
Turns Off
12ON High
⎯E⎯N Goes High
Turns Off
Turns Off
⎯E⎯N Low
UVLO on VCC
Turns Off
Turns Off
VCC > UVLO
UVLO on AUXIN
Turns Off
No Effect
AUXIN > UVLO
UVLO on 12VIN
No Effect
Turns Off
12VIN > UVLO
AUX Overcurrent
Fault
Turns Off
Turns Off
AUXON and 12ON Low,
⎯E⎯N High-to-Low, UVLO
on VCC
12V Overcurrent
Fault
No Effect
Turns Off
12ON Low, ⎯E⎯N High-to-
Low, UVLO on VCC
Thermal
Shutdown
Turns Off
Turns Off
AUXON and 12ON Low,
⎯E⎯N High-to-Low, UVLO
on VCC, Temperature <
120°C
20ms/DIV
12PGOOD
5V/DIV
EN
5V/DIV
AUXOUT
5V/DIV
TIMER
2V/DIV
12VOUT
5V/DIV
AUXPGOOD
5V/DIV
422312 F02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com