Electronic Components Datasheet Search
  English  ▼

X  

LTC1421 Datasheet(PDF) 12 Page - Linear Technology

Part # LTC1421
Description  Dual Supply Hot Swap Controller for Advanced Mezzanine Card
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1421 Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC1421 Datasheet HTML 8Page - Linear Technology LTC1421 Datasheet HTML 9Page - Linear Technology LTC1421 Datasheet HTML 10Page - Linear Technology LTC1421 Datasheet HTML 11Page - Linear Technology LTC1421 Datasheet HTML 12Page - Linear Technology LTC1421 Datasheet HTML 13Page - Linear Technology LTC1421 Datasheet HTML 14Page - Linear Technology LTC1421 Datasheet HTML 15Page - Linear Technology LTC1421 Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
LTC4223-1/LTC4223-2
12
422312f
APPLICATIONS INFORMATION
Turn-Off Sequence
The switches can be turned off by various conditions and
this is summarized in Table 1.
When the 12ON pin goes low, the external switch is turned
off with the GATE pin pulled to ground by 1mA current
sink. The ⎯1⎯2⎯P⎯G⎯O⎯O⎯D pin pulls high indicating that power is
no longer good, while an internal N-channel transistor dis-
charges the output to ground. Similarly, when the AUXON
pin goes low, the internal switch is turned off, ⎯A⎯U⎯X⎯P⎯G⎯O⎯O⎯D
pulls high while its output is discharged to ground through
an internal N-channel transistor. Figure 3 shows the two
supplies being turned off by ⎯E⎯N going high.
Card Presence Detect
In an AMC system, ⎯P⎯S⎯1 and ⎯P⎯S⎯0 signals are used to
detect the presence of a card upon insertion or removal.
Normally ⎯P⎯S⎯1 is connected to the ⎯E⎯N pin with a pull-up
resistor. If AUXON or 12ON is high when the ⎯E⎯N pin goes
low, indicating a board insertion, a timing cycle for contact
debouncing is initiated. Upon insertion, any bounces on the
⎯E⎯N pin will re-start the timing cycle. When TIMER finally
reaches its threshold during ramp up, the fault latches
will be cleared. If the ⎯E⎯N pin remains low at the end of the
timing cycle, the switches are allowed to turn on.
If the ⎯E⎯N pin is toggled from low to high, indicating board
removal, all the switches will be turned off after a 20μs delay.
Any latched faults will not be cleared. However, removing
the card could cause the ⎯E⎯N pin voltage to bounce, clearing
the fault latches undesirably. This is prevented by blanking
the bounces internally with a TIMER ramp up period given
by CT • 123[ms/μF] as shown in Figure 4.
Timer Functions
An external capacitor CT connected from the TIMER pin
to ground is used to perform several functions.
1. Ignore contact debouncing during card insertion when
the device is enabled. The debounce cycle is given
by ramping up CT with 10μA current to TIMER high
threshold (1.235V) and then ramping down with 2μA
current to below TIMER low threshold (0.2V). This gives
an average debounce cycle time of CT • 741[ms/μF].
After that, if any ON pin is pulled high and ⎯E⎯N pin is
low, the switches can be turned on.
2. Blanking contact bounce on the ⎯E⎯N pin that might
trigger unwanted fault clearing during card removal.
The blanking time is given by CT • 123[ms/μF].
3. Fault filtering during auxiliary supply power-up in analog
current limit. TIMER pulls up with 10μA and pulls down
with 2μA. The filter time is given by CT • 123[ms/μF].
4. 12V supply fault filtering during and after power-up
in analog current limit. TIMER pulls up with 200μA
and pulls down with 2μA. The filter time is given by
CT • 6[ms/μF].
5. For cooling off during an auto-retry cycle after
an overcurrent fault on auxiliary or 12V supply
(LTC4223-2). The cool-off time is given by CT • 1482
[ms/μF] after an auxiliary supply fault and CT • 1358[ms/
μF] after a 12V supply fault.
Figure 3. Normal Power-Down Sequence
Figure 4. Debouncing by TIMER during Card Removal
100ms/DIV
12PGOOD
5V/DIV
EN
5V/DIV
AUXOUT
5V/DIV
12VOUT
5V/DIV
AUXPGOOD
5V/DIV
422312 F03
5ms/DIV
FAULT
2V/DIV
EN
2V/DIV
TIMER
1V/DIV
422312 F04



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com