Electronic Components Datasheet Search
  English  ▼

X  

LTC1421 Datasheet(PDF) 16 Page - Linear Technology

Part # LTC1421
Description  Dual Supply Hot Swap Controller for Advanced Mezzanine Card
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1421 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC1421 Datasheet HTML 12Page - Linear Technology LTC1421 Datasheet HTML 13Page - Linear Technology LTC1421 Datasheet HTML 14Page - Linear Technology LTC1421 Datasheet HTML 15Page - Linear Technology LTC1421 Datasheet HTML 16Page - Linear Technology LTC1421 Datasheet HTML 17Page - Linear Technology LTC1421 Datasheet HTML 18Page - Linear Technology LTC1421 Datasheet HTML 19Page - Linear Technology LTC1421 Datasheet HTML 20Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
LTC4223-1/LTC4223-2
16
422312f
APPLICATIONS INFORMATION
GATE Pin Voltage
The gate drive at 12VGATE is compatible with any logic
level MOSFET. The guaranteed range of gate drive is 4.5V
to 7.9V, with a typical of 6.2V.
Active Current Loop Compensation
The compensation network consisting of resistor RG and
gate slew rate control capacitor CG stabilizes the internal
active current limit circuit. The value of CG is selected based
on the inrush current allowed. The suggested value for
RG is 47Ω. The value of CG should be ≤330nF and RG is
between 10Ω and 100Ω for optimum performance.
High Side Current Sense
The 12V load current is monitored via the voltage across an
external sense resistor. The LTC4223 features a high side
current sense amplifier that translates the sense voltage
from the positive rail to the negative rail using a resistor
ratio of 33 times. The output voltage at 12IMON pin can
then be fed into an LTC1197L ADC as shown in Figure 10
for data conversion. The current sense information can be
used by the system controller to manage the power budget
allocated to the modules on the card. Full scale input to
the current sense amplifier is 82.5mV, corresponding to
an output of about 2.7V. If the input exceeds 100mV, the
output clamps at 3.2V.
VCC Supply Filtering
The internal circuitry of the LTC4223 is powered from the
VCC pin. Bypass VCC with at least 330nF to ground. If VCC
is derived from the same supply as is AUXIN, include a
decoupling resistor as shown in Figure 11. This RC net-
work allows the VCC pin to ride out supply glitches caused
by short circuits on the auxiliary output or on adjacent
boards, thus preventing an undervoltage lockout condi-
tion on VCC. Since the absolute maximum rating for VCC
is 7V as compared to 10V for AUXIN, select R2 and C2 to
keep the peak voltage seen by VCC below 7V during any
voltage spikes.
FAULT
TIMER
IAUXOUT
12VOUT
VTMR
VTMR
VTMR
VTMR
422312 F08
10
μA
12
3
4
5 6 7
8
9
10
2
μA
FAULT PULLS LOW DUE TO AUX
OVERCURRENT FAULT AFTER POWER UP
START OF COOL-OFF CYCLE
START OF
DEBOUNCE CYCLE
RESET FAULT HIGH
FAULT PULLS LOW AND RESTART OF
COOL-OFF CYCLE DURING POWER UP
END OF DEBOUNCE CYCLE
START AUX INTERNAL GATE RAMP WHEN STARTUP CONDITIONS ARE MET
AUX OUTPUT IN CURRENT LIMIT
RESTART OF
DEBOUNCE CYCLE
COOL-OFF CYCLE
DEBOUNCE CYCLE
FILTER DELAY
COOL-OFF CYCLE
2
μA2μA2μA
10
μA10μA10μA10μA
AUX INTERNAL GATE REGULATES
Figure 8. Auto-Retry after AUX Overcurrent Fault



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com