Electronic Components Datasheet Search
  English  ▼

X  

HT9200A Datasheet(PDF) 3 Page - SYC Electronica

Part # HT9200A
Description  DTMF Generators
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

HT9200A Datasheet(HTML) 3 Page - SYC Electronica

  HT9200A Datasheet HTML 1Page - SYC Electronica HT9200A Datasheet HTML 2Page - SYC Electronica HT9200A Datasheet HTML 3Page - SYC Electronica HT9200A Datasheet HTML 4Page - SYC Electronica HT9200A Datasheet HTML 5Page - SYC Electronica HT9200A Datasheet HTML 6Page - SYC Electronica HT9200A Datasheet HTML 7Page - SYC Electronica HT9200A Datasheet HTML 8Page - SYC Electronica  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Pin Name
I/O
Internal
Connection
Description
D0~D3
I
CMOS IN
Pull-high
or floating
Data inputs for the parallel mode
When the IC is operating in the serial mode, the data input
terminals (D0~D3) are included with a pull-high resistor. When
the IC is operating in the parallel mode, these pins become
floating.
S/P
I
CMOS IN
Operation mode selection input
S/P=“H”: Parallel mode
S/P=“L”: Serial mode
CLK
I
CMOS IN
Pull-high
or floating
Data synchronous clock input for the serial mode
When the IC is operating in the parallel mode, the input
terminal (CLK) is included with a pull-high resistor. When the
IC is operating in the serial mode, this pin becomes floating.
DATA
I
CMOS IN
Pull-high
or floating
Data input terminal for the serial mode
When the IC is operating in the parallel mode, the input terminal
(DATA) is included with a pull-high resistor. When the IC is
operating in the serial mode, this pin becomes floating.
DTMF
O
CMOS OUT
Output terminal of the DTMF signal
VDD
—
—
Positive power supply, 2.0V~5.5V for normal operation
Approximate internal connection circuits
HT9200A/B



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com