Electronic Components Datasheet Search
  English  ▼

X  

HT9200A Datasheet(PDF) 4 Page - SYC Electronica

Part # HT9200A
Description  DTMF Generators
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

HT9200A Datasheet(HTML) 4 Page - SYC Electronica

  HT9200A Datasheet HTML 1Page - SYC Electronica HT9200A Datasheet HTML 2Page - SYC Electronica HT9200A Datasheet HTML 3Page - SYC Electronica HT9200A Datasheet HTML 4Page - SYC Electronica HT9200A Datasheet HTML 5Page - SYC Electronica HT9200A Datasheet HTML 6Page - SYC Electronica HT9200A Datasheet HTML 7Page - SYC Electronica HT9200A Datasheet HTML 8Page - SYC Electronica  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Absolute Maximum Ratings*
Supply Voltage ................................. –0.3V to 6V
Storage Temperature................. –50
°C to 125°C
Input Voltage.................... VSS–0.3 to VDD
+0.3V
Operating Temperature............... –20
°C to 75°C
*Note: These are stress ratings only. Stresses exceeding the range specified under “Absolute Maxi-
mum Ratings” may cause substantial damage to the device. Functional operation of this
device at other conditions beyond those listed in the specification is not implied and prolonged
exposure to extreme conditions may affect device reliability.
Electrical Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VDD
Operating Voltage
—
—
2
—
5.5
V
IDD
Operating Current
2.5V S/P=VDD,D0~D3=VSS,
CE=VSS, No load
—
240
2500
µA
5.0V
—
950
3000
VIL
“Low” Input Voltage
—
—
VSS
—
0.2VDD
V
VIH
“High” Input Voltage
—
—
0.8VDD
—VDD
V
ISTB
Standby Current
2.5V S/P=VDD,CE=VDD,
No load
——
1
µA
5.0V
—
—
2
RP
Pull-high Resistance
2.5V
VOL=0V
120
180
270
k
Ω
5.0V
45
68
100
tDE
DTMF Output Delay
Time (Parallel Mode)
5V
—
—
tUP+6
tUP+8
ms
VTDC
DTMF Output DC
Level
2V~
5.5V
DTMF Output
0.45VDD
—
0.75VDD
V
ITOL
DTMF Sink Current
2.5V VDTMF=0.5V
–0.1
—
—
mA
VTAC
DTMF Output AC
Level
2.5V Row group, RL=5k
Ω
0.12
0.15
0.18
Vrms
ACR
Column Pre-emphasis
2.5V Row group=0dB
1
2
3
dB
RL
DTMF Output Load
2.5V tHD
≤ –23dB
5
—
—
k
Ω
tHD
Tone Signal
Distortion
2.5V RL=5k
Ω
—–30
–23
dB
fCLK
Clock Input Rate
(Serial Mode)
—
—
—
100
500
kHz
tUP
Oscillator Starting
Time (When CE is low)
5.0V
The time from CE
falling edge to normal
oscillator operation
——
10
ms
fOSC
System Frequency
—
Crystal=3.5795MHz
3.5759
3.5795
3.5831
MHz
HT9200A/B



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com