Electronic Components Datasheet Search
  English  ▼

X  

HT9200A Datasheet(PDF) 6 Page - SYC Electronica

Part # HT9200A
Description  DTMF Generators
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

HT9200A Datasheet(HTML) 6 Page - SYC Electronica

  HT9200A Datasheet HTML 1Page - SYC Electronica HT9200A Datasheet HTML 2Page - SYC Electronica HT9200A Datasheet HTML 3Page - SYC Electronica HT9200A Datasheet HTML 4Page - SYC Electronica HT9200A Datasheet HTML 5Page - SYC Electronica HT9200A Datasheet HTML 6Page - SYC Electronica HT9200A Datasheet HTML 7Page - SYC Electronica HT9200A Datasheet HTML 8Page - SYC Electronica  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Table 2: Digits vs. input data vs. tone output frequency (parallel mode)
Digit
D3
D2
D1
D0
Tone Output Frequency (Hz)
10
0
0
1
697
+1209
20
0
1
0
697
+1336
30
0
1
1
697
+1477
40
1
0
0
770
+1209
50
1
0
1
770
+1336
60
1
1
0
770
+1477
70
1
1
1
852
+1209
81
0
0
0
852
+1336
When the system is operating in the serial mode
a pull-high resistor is attached to D0~D3 (for
parallel mode) on the input terminal.
For the HT9200B, the S/P pin has to be connected
low for serial mode operation.
Parallel mode ( HT9200B)
The HT9200B provides four data inputs D0~D3
to generate their corresponding DTMF signals.
The S/P has to be connected high to select the
parallel operation mode. Then the input data
codes should be determined. Finally, the CE is
connected low to transmit the DTMF signal
from the DTMF pin.
The TDE time (about 6ms) will be delayed from the
CE falling edge to the DTMF signal output.
The relationship between the digital codes and
the tone output frequency is illustrated in Table 2.
As for the control timing diagram, see Figure 2.
When the system is operating in the parallel
mode, D0~D3 are all in the floating state. Thus,
these data input pins should not float.
Figure 1
HT9200A/B



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com