Electronic Components Datasheet Search
  English  ▼

X  

HT9200A Datasheet(PDF) 1 Page - SYC Electronica

Part # HT9200A
Description  DTMF Generators
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

HT9200A Datasheet(HTML) 1 Page - SYC Electronica

  HT9200A Datasheet HTML 1Page - SYC Electronica HT9200A Datasheet HTML 2Page - SYC Electronica HT9200A Datasheet HTML 3Page - SYC Electronica HT9200A Datasheet HTML 4Page - SYC Electronica HT9200A Datasheet HTML 5Page - SYC Electronica HT9200A Datasheet HTML 6Page - SYC Electronica HT9200A Datasheet HTML 7Page - SYC Electronica HT9200A Datasheet HTML 8Page - SYC Electronica  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
HT9200A/B
DTMF Generators
Selection Table
Block Diagram
Features
•
Operating voltage: 2.0V~5.5V
•
Serial mode for the HT9200A
•
Serial/parallel mode for the HT9200B
•
Low standby current
•
Low total harmonic distortion
•
3.58MHz crystal or ceramic resonator
General Description
The HT9200A/B tone generators are designed
for
µC interfaces. They can be instructed by a
µC to generate 16 dual tones and 8 single tones
from the DTMF pin. The HT9200A provides a
serial mode whereas the HT9200B contains a
selectable serial/parallel mode interface for
various applications such as security systems,
home automation, remote control through tele-
phone lines, communication systems, etc.


Similar Part No. - HT9200A

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT9200A HOLTEK-HT9200A Datasheet
282Kb / 8P
DTMF Generators
21st Aug 98
HT9200A HOLTEK-HT9200A Datasheet
139Kb / 14P
DTMF Generators
August 30, 2004
HT9200A HOLTEK-HT9200A_04 Datasheet
139Kb / 14P
DTMF Generators
August 30, 2004
HT9200A HOLTEK-HT9200A_13 Datasheet
151Kb / 13P
DTMF Generators
April 29, 2013
More results

Similar Description - HT9200A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCD3311C PHILIPS-PCD3311C Datasheet
176Kb / 28P
DTMF/modem/musical-tone generators
1996 Nov 21
logo
Sanyo Semicon Device
LC7387M SANYO-LC7387M Datasheet
114Kb / 6P
DTMF Receiver?
logo
Holtek Semiconductor In...
HT9200A HOLTEK-HT9200A Datasheet
282Kb / 8P
DTMF Generators
21st Aug 98
logo
List of Unclassifed Man...
SC9200 ETC-SC9200 Datasheet
124Kb / 9P
DTMF GENERATORS
HM9202 ETC1-HM9202 Datasheet
79Kb / 1P
DTMF RECEIVER
logo
OKI electronic componet...
ML7005 OKI-ML7005 Datasheet
202Kb / 25P
DTMF Transceiver
logo
Mitel Networks Corporat...
MT8865 MITEL-MT8865 Datasheet
231Kb / 6P
DTMF Filter
logo
Holtek Semiconductor In...
HT9170B HOLTEK-HT9170B_02 Datasheet
187Kb / 13P
DTMF Receiver
September 24, 2002
HT9200A HOLTEK-HT9200A_04 Datasheet
139Kb / 14P
DTMF Generators
August 30, 2004
HT9200A HOLTEK-HT9200A_13 Datasheet
151Kb / 13P
DTMF Generators
April 29, 2013
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com