Electronic Components Datasheet Search
  English  ▼

X  

HT9200A Datasheet(PDF) 5 Page - SYC Electronica

Part # HT9200A
Description  DTMF Generators
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

HT9200A Datasheet(HTML) 5 Page - SYC Electronica

  HT9200A Datasheet HTML 1Page - SYC Electronica HT9200A Datasheet HTML 2Page - SYC Electronica HT9200A Datasheet HTML 3Page - SYC Electronica HT9200A Datasheet HTML 4Page - SYC Electronica HT9200A Datasheet HTML 5Page - SYC Electronica HT9200A Datasheet HTML 6Page - SYC Electronica HT9200A Datasheet HTML 7Page - SYC Electronica HT9200A Datasheet HTML 8Page - SYC Electronica  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Table 1: Digits vs. input data vs. tone output frequency (serial mode)
Digit
D4
D3
D2
D1
D0
Tone Output Frequency (Hz)
10
0
0
0
1
697
+1209
20
0
0
1
0
697
+1336
30
0
0
1
1
697
+1477
40
0
1
0
0
770
+1209
50
0
1
0
1
770
+1336
60
0
1
1
0
770
+1477
70
0
1
1
1
852
+1209
80
1
0
0
0
852
+1336
90
1
0
0
1
852
+1477
00
1
0
1
0
941
+1336
∗
01
0
1
1
941
+1209
#
01
1
0
0
941
+1477
A0
1
1
0
1
697
+1633
B0
1
1
1
0
770
+1633
C0
1
1
1
1
852
+1633
D0
0
0
0
0
941
+1633
—1
0
0
0
0
697
—1
0
0
0
1
770
—1
0
0
1
0
852
—1
0
0
1
1
941
—1
0
1
0
0
1209
—1
0
1
0
1
1336
—1
0
1
1
0
1477
—1
0
1
1
1
1633
DTMF OFF
1
1
1
1
1
—
*Notes: The codes not listed in Table 1 are not used D4 is MSB
Functional Description
The HT9200A/B are DTMF generators for
µC
interfaces. They are controlled by a
µC in the
serial mode or the parallel mode (for the
HT9200B only).
Serial mode (HT9200A/B)
The HT9200A/B employ a data input, a 5-bit
code, and a synchronous clock to transmit a
DTMF signal. Every digit of a phone number to
be transmitted is selected by a series of inputs
which consist of 5-bit data. Of the 5 bits, the
D0(LSB) is the first received bit. The
HT9200A/B will latch data on the falling edge of
the clock (CLK pin). The relationship between
the digital codes and the tone output frequency
is shown in Table 1. As for the control timing
diagram, refer to Figure 1.
HT9200A/B



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com