Electronic Components Datasheet Search
  English  ▼

X  

LTC4223IGN-2 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC4223IGN-2
Description  Dual Supply Hot Swap Controller for Advanced Mezzanine Card
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4223IGN-2 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC4223IGN-2 Datasheet HTML 4Page - Linear Technology LTC4223IGN-2 Datasheet HTML 5Page - Linear Technology LTC4223IGN-2 Datasheet HTML 6Page - Linear Technology LTC4223IGN-2 Datasheet HTML 7Page - Linear Technology LTC4223IGN-2 Datasheet HTML 8Page - Linear Technology LTC4223IGN-2 Datasheet HTML 9Page - Linear Technology LTC4223IGN-2 Datasheet HTML 10Page - Linear Technology LTC4223IGN-2 Datasheet HTML 11Page - Linear Technology LTC4223IGN-2 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
LTC4223-1/LTC4223-2
8
422312f
FUNCTIONAL DIAGRAM
+
–
+
–
+
–
UVLO3
9.7V
12VIN
2.45V
UVLO2
CP2
SYSTEM
CONTROL
AUX FAULT
12V FAULT
CHARGE
PUMP
VCC
TIMER
FAULT
+
–
+
–
ACL
VCC
10
μA
10
μA
1mA
+
–
2.885V
ECB
12V SUPPLY
CONTROL
12VIN
12VSENSE
60mV
12PGOOD
12VOUT
12IMON
12VGATE
+ –
50mV
+ –
VCC
10
μA
VCC
VCC
10
μA
VCC
VCC
10
μA
2
μA
200
μA
R2
ROUT
165k
10
μA
AUX SUPPLY
CONTROL
AUXON
AUX FET ON
GND
AUXIN
AUXPGOOD
MFET
RSNS
422312 FD
THERMAL
SHUTDOWN
CHARGE
PUMP
AUX PWRGD
PG1
+
–
10.3V
12V PWRGD
PG2
AUXOUT
+
–
UVLO1
2.5V
0.2V
AUXIN
6.2V
GATE
DRIVER
EN
CARD PRESENCE
+
–
A1
12ON
12V FET ON
+
–
1.235V
CP1
RIN
5k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com