Electronic Components Datasheet Search
  English  ▼

X  

LTC4223IGN-2 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC4223IGN-2
Description  Dual Supply Hot Swap Controller for Advanced Mezzanine Card
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4223IGN-2 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC4223IGN-2 Datasheet HTML 5Page - Linear Technology LTC4223IGN-2 Datasheet HTML 6Page - Linear Technology LTC4223IGN-2 Datasheet HTML 7Page - Linear Technology LTC4223IGN-2 Datasheet HTML 8Page - Linear Technology LTC4223IGN-2 Datasheet HTML 9Page - Linear Technology LTC4223IGN-2 Datasheet HTML 10Page - Linear Technology LTC4223IGN-2 Datasheet HTML 11Page - Linear Technology LTC4223IGN-2 Datasheet HTML 12Page - Linear Technology LTC4223IGN-2 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
LTC4223-1/LTC4223-2
9
422312f
OPERATION
The LTC4223 is designed to control the power on an Ad-
vanced Mezzanine Card (AMC) or MicroTCA backplane,
allowing boards to be safely inserted and removed. It
controls the 12V main and 3.3V auxiliary power through an
external N-channel MOSFET and integrated pass transistor.
These two supplies can be turned on and off independently
by their respective ON control pins.
If either AUXON or 12ON is pulled high, an initial tim-
ing cycle set by the TIMER capacitor value is initiated
once all these conditions are met: input supplies out of
undervoltage lockout; TIMER < 0.2V and ⎯E⎯N low. At the
end of the initial timing cycle, if the AUXON pin is high, the
internal pass transistor turns on. It enters into an active
current limit loop if the inrush current charging the load
capacitor exceeds 240mA. When the load is in current
limit, a 10μA pull-up charges the TIMER pin capacitor. If
the load capacitor is fully charged and the switch is no
longer in current limit before the TIMER reaches 1.235V,
⎯A⎯U⎯X⎯P⎯G⎯O⎯O⎯D pulls low indicating that power is good.
Otherwise the internal switch turns off and ⎯F⎯A⎯U⎯L⎯T pulls
low when TIMER reaches 1.235V.
If 12ON pin is high at the end of the initial timing cycle,
an internal charge pump charges the gate of the external
MOSFET with 10μA pull-up. Connecting an external gate
capacitor limits the inrush current charging the load ca-
pacitor. If the inrush current exceeds its limited current
value, an internal analog current limit (ACL) amplifier
servos the gate to force 60mV across the external sense
resistor connected between 12VIN and 12VSENSE pins.
During this period, TIMER pin capacitor is charged by a
200μA pull-up. If the load is fully charged and no longer in
current limit before the TIMER reaches 1.235V, ⎯1⎯2⎯P⎯G⎯O⎯O⎯D
pulls low. Otherwise 12V shuts off and ⎯F⎯A⎯U⎯L⎯T pulls low
when TIMER reaches 1.235V.
If an overcurrent fault occurs on the auxiliary supply after
power-up, the current is limited to 240mA and after a 25μs
delay, the circuit breaker trips and ⎯F⎯A⎯U⎯L⎯T pulls low. Ther-
mal shutdown protects the internal pass transistor from
overheating by shutting it off at 150°C. If an overcurrent
fault occurs on the 12V supply, the current is limited to
60mV/RSENSE. After a timing cycle delay set by 200μA
charging the TIMER capacitor, the circuit breaker trips
and ⎯F⎯A⎯U⎯L⎯T pulls low. An overcurrent fault on the auxiliary
supply shuts off 12V; a fault on the 12V supply does not
affect the auxiliary supply.
The LTC4223 provides high side current sensing informa-
tion for the 12V supply at the 12IMON pin. The 12IMON
output voltage is 33 times the sense voltage, allowing it
to be used with an external ADC.
In the off condition, 12VOUT and AUXOUT are discharged
to ground by internal N-channel pull downs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com