Electronic Components Datasheet Search
  English  ▼

X  

LTC4223IGN-2 Datasheet(PDF) 17 Page - Linear Technology

Part # LTC4223IGN-2
Description  Dual Supply Hot Swap Controller for Advanced Mezzanine Card
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4223IGN-2 Datasheet(HTML) 17 Page - Linear Technology

Back Button LTC4223IGN-2 Datasheet HTML 13Page - Linear Technology LTC4223IGN-2 Datasheet HTML 14Page - Linear Technology LTC4223IGN-2 Datasheet HTML 15Page - Linear Technology LTC4223IGN-2 Datasheet HTML 16Page - Linear Technology LTC4223IGN-2 Datasheet HTML 17Page - Linear Technology LTC4223IGN-2 Datasheet HTML 18Page - Linear Technology LTC4223IGN-2 Datasheet HTML 19Page - Linear Technology LTC4223IGN-2 Datasheet HTML 20Page - Linear Technology LTC4223IGN-2 Datasheet HTML 21Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
LTC4223-1/LTC4223-2
17
422312f
APPLICATIONS INFORMATION
Supply Transient Protection
The supply inputs, AUXIN and 12VIN are fed directly from
the regulated output of the backplane supply, where bulk
bypassing assures a spike-free operating environment.
In other applications where the bulk bypassing is located
far from the LTC4223, spikes generated during output
short circuit events could exceed the absolute maximum
ratings for AUXIN and 12VIN. To minimize such spikes,
use wider traces or heavier trace plating to reduce the
power trace inductance. Also, bypass locally with a 10μF
electrolytic and 100nF ceramic, or alternatively clamp
the input with a transient voltage suppressor (Z1, Z2) as
shown in Figure 13. A 10Ω, 100nF snubber damps the
response and eliminates ringing. A recommended layout
of the 12V transient protection devices Z1, R1 and C1
around the LTC4223 is shown in Figure 12.
Figure 9. Auto-Retry after 12V Overcurrent Fault
FAULT
TIMER
12VGATE
12VOUT
VTMR
VTMR
VTMR
422312 F08
12VIN - 12VSENSE
200
μA
60mV
60mV
12
3
4 5
6
7
8
2
μA
FAULT PULLS LOW DUE TO
12V OVERCURRENT FAULT
START OF COOL-OFF CYCLE
START OF
DEBOUNCE CYCLE
RESET FAULT HIGH
FAULT PULLS LOW AND
RESTART OF COOL-OFF CYCLE
END OF DEBOUNCE CYCLE
START 12V GATE RAMP WHEN STARTUP CONDITIONS ARE MET
12V OUTPUT IN CURRENT LIMIT
RESTART OF
DEBOUNCE CYCLE
COOL-OFF CYCLE
DEBOUNCE CYCLE
FILTER DELAY
COOL-OFF CYCLE
2
μA2μA
10
μA
200
μA10μA
12VGATE REGULATES
422312 F10
12VSENSE
VSENSE
–
+
Q1
LTC4223
12VIN
12VGATE
VOUT
12IMON
ILOAD
RIN
5k
12V
TO SYSTEM
CONTROLLER
CS
1
μF
3.3V
LTC1197L
VREF
CLK
DOUT
+IN
–IN
VCC
GND
ROUT
165k
VOUT =
• VSENSE = 33 • VSENSE
ROUT
RIN
LOAD
Figure 10. High Side Current Sense with LTC1197L ADC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com