Electronic Components Datasheet Search
  English  ▼

X  

LTC4223IGN-2 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC4223IGN-2
Description  Dual Supply Hot Swap Controller for Advanced Mezzanine Card
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4223IGN-2 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC4223IGN-2 Datasheet HTML 2Page - Linear Technology LTC4223IGN-2 Datasheet HTML 3Page - Linear Technology LTC4223IGN-2 Datasheet HTML 4Page - Linear Technology LTC4223IGN-2 Datasheet HTML 5Page - Linear Technology LTC4223IGN-2 Datasheet HTML 6Page - Linear Technology LTC4223IGN-2 Datasheet HTML 7Page - Linear Technology LTC4223IGN-2 Datasheet HTML 8Page - Linear Technology LTC4223IGN-2 Datasheet HTML 9Page - Linear Technology LTC4223IGN-2 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
LTC4223-1/LTC4223-2
6
422312f
TEMPERATURE (
°C)
422312 G10
–50
0.1
0.2
0.3
0.4
0.5
–25
0
25
50
75
100
TEMPERATURE (
°C)
422312 G11
–50
5.9
6.0
6.1
6.2
6.3
–25
0
25
50
75
100
IGATE (μA)
0
7
6
5
4
3
2
1
0
–6
–10
422312 G12
–2
–4
–8
–12
TEMPERATURE (
°C)
422312 G13
–50
–9.0
–9.5
–10.0
–10.5
–11.0
–25
0
25
50
75
100
TEMPERATURE (
°C)
–50
15
20
25
30
–25
025
50
422312 G14
75
100
SENSE VOLTAGE (mV)
0.1
1
10
100
50
150
200
250
0.01
100
300
422312 G15
TEMPERATURE (
°C)
422312 G16
–50
50
100
150
200
250
–25
0
25
50
75
100
TEMPERATURE (
°C)
–50
200
400
600
800
1000
1200
–25
025
50
422312 G17
75
100
AUXOUT
12VOUT
VCC (V)
2.5
2.0
2.5
3.0
4.0
5.0
422312 G18
1.5
1.0
3.0
3.5
4.5
5.5
6.0
0.5
0
LOW
HIGH
TYPICAL PERFORMANCE CHARACTERISTICS
AUX Switch On Resistance vs
Temperature
Gate Drive vs Temperature
Gate Drive vs IGATE
Gate Pull-Up Current vs
Temperature
AUX Circuit Breaker Trip Delay vs
Temperature
Active Current Limit Delay vs
Sense Voltage
Gate Fast Pull-Down Current vs
Temperature
Output Discharge Resistance vs
Temperature
Logic Input Threshold vs VCC
Specifications are TA = 25°C, VCC = 3.3V, VAUXIN =
3.3V, V12VIN =12V, unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com