Electronic Components Datasheet Search
  English  ▼

X  

LTC4223IGN-2 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC4223IGN-2
Description  Dual Supply Hot Swap Controller for Advanced Mezzanine Card
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4223IGN-2 Datasheet(HTML) 1 Page - Linear Technology

  LTC4223IGN-2 Datasheet HTML 1Page - Linear Technology LTC4223IGN-2 Datasheet HTML 2Page - Linear Technology LTC4223IGN-2 Datasheet HTML 3Page - Linear Technology LTC4223IGN-2 Datasheet HTML 4Page - Linear Technology LTC4223IGN-2 Datasheet HTML 5Page - Linear Technology LTC4223IGN-2 Datasheet HTML 6Page - Linear Technology LTC4223IGN-2 Datasheet HTML 7Page - Linear Technology LTC4223IGN-2 Datasheet HTML 8Page - Linear Technology LTC4223IGN-2 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
LTC4223-1/LTC4223-2
1
422312f
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
Dual Supply Hot Swap
Controller for Advanced
Mezzanine Card
The LTC®4223 positive voltage Hot SwapTM controller
allows a board to be safely inserted and removed from
a live AMC or MicroTCA backplane. It controls the main
12V supply with an external N-channel MOSFET and the
3.3V auxiliary supply with an integrated switch. The 12V
output ramp rate is adjustable and includes inrush current
limiting. The 12V output is also protected against short
circuit faults with a fast acting current limit and a 5%
accurate timed circuit breaker. The 3.3V output includes
both soft start and overcurrent protection.
The LTC4223 features a current monitor output for the
12V supply, and reports fault and power-good status for
both supplies. It also detects card presence and allows
independent control of the 12V and auxiliary 3.3V sup-
ply outputs. The LTC4223-1 features a latch-off circuit
breaker, while the LTC4223-2 provides automatic retry
after a fault.
Advanced Mezzanine Card Application
■
Allows Safe Insertion into Live AMC or MicroTCA
Backplane
■
Controls 12V Main and 3.3V Auxiliary Supplies
■
Limits Peak Fault Current in ≤1μs
■
Adjustable Current Limit with Circuit Breaker
■
Integrated 0.3Ω AUX Switch
■
High Side Current Sense
■
Gate Drive for External N-Channel MOSFET
■
Adjustable Response Time for Overcurrent Protection
■
Adjustable Supply Voltage Power-Up Rate
■
Thermal Shutdown Protection
■
LTC4223-1: Latch Off After Fault
■
LTC4223-2: Automatic Retry After Fault
■
16-Lead SSOP and 5mm × 4mm DFN Packages
■
Advanced Mezzanine Card, MicroTCA Systems
■
Workstations and Server I/O
■
Telecom Networks
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
Normal Power-Up Waveform
422312 TA01a
12VSENSE 12VGATE
12VOUT
12VIN
VCC
AUXIN
AUXOUT
EN
AUXON
12ON
AUXPGOOD
12PGOOD
FAULT
12V
3.3V
6m
Ω
Si7336ADP
CARRIER
CONNECTOR
MODULE
CONNECTOR
TIMER
LTC4223-1/LTC4223-2
GND
12V
7.4A
3.3V
150mA
10
Ω
51
Ω
330nF
0.1
μF
47
Ω
15nF
IPMC
12IMON
ADC
20ms/DIV
12PGOOD
5V/DIV
EN
5V/DIV
AUXOUT
5V/DIV
12VOUT
5V/DIV
AUXPGOOD
5V/DIV
422312 TA01b


Similar Part No. - LTC4223IGN-2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4223 LINER-LTC4223 Datasheet
384Kb / 24P
Dual Ideal Diode and Hot Swap Controller
LTC4223 LINER-LTC4223 Datasheet
496Kb / 22P
Dual 12V Ideal Diode-OR and Single Hot Swap Controller with Current Monitor
LTC4223 LINER-LTC4223 Datasheet
563Kb / 24P
Dual Ideal Diode-OR and Single Hot Swap Controller with Current Monitor
logo
Analog Devices
LTC4223 AD-LTC4223 Datasheet
1Mb / 24P
High Current Hot Swap Controller with Current Monitor Output
Rev. 0
logo
Linear Technology
LTC4223-2 LINER-LTC4223-2_15 Datasheet
296Kb / 24P
Dual Supply Hot Swap Controller for Advanced Mezzanine Card
More results

Similar Description - LTC4223IGN-2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1642 LINER-LTC1642 Datasheet
147Kb / 12P
Hot Swap Controller
LT4220 LINER-LT4220 Datasheet
267Kb / 16P
Dual Supply Hot Swap Controller
logo
Texas Instruments
TPS2398 TI-TPS2398 Datasheet
388Kb / 20P
-48V HOT SWAP CONTROLLER FOR REDUNDANT SUPPLY SYSTEMS
logo
Supertex, Inc
HV301 SUTEX-HV301_05 Datasheet
989Kb / 20P
Hot Swap Controller (Negative Supply Rail)
logo
Linear Technology
LTC1646 LINER-LTC1646 Datasheet
407Kb / 20P
CompactPCI Dual Hot Swap Controller
LT4220 LINER-LT4220_15 Datasheet
265Kb / 16P
Dual Supply Hot Swap Controller
LTC1646 LINER-LTC1646_15 Datasheet
413Kb / 20P
CompactPCI Dual Hot Swap Controller
LTC1421-2.5 LINER-LTC1421-2.5_15 Datasheet
334Kb / 24P
Hot Swap Controller
LTC4218 LINER-LTC4218_15 Datasheet
318Kb / 18P
Hot Swap Controller
LTC4223-2 LINER-LTC4223-2_15 Datasheet
296Kb / 24P
Dual Supply Hot Swap Controller for Advanced Mezzanine Card
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com