Electronic Components Datasheet Search
  English  ▼

X  

FS210 Datasheet(PDF) 11 Page - TT Electronics.

Part # FS210
Description  FlexSense® I-Series Programmable Incremental Encoder
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

FS210 Datasheet(HTML) 11 Page - TT Electronics.

Back Button FS210 Datasheet HTML 7Page - TT Electronics. FS210 Datasheet HTML 8Page - TT Electronics. FS210 Datasheet HTML 9Page - TT Electronics. FS210 Datasheet HTML 10Page - TT Electronics. FS210 Datasheet HTML 11Page - TT Electronics. FS210 Datasheet HTML 12Page - TT Electronics. FS210 Datasheet HTML 13Page - TT Electronics. FS210 Datasheet HTML 14Page - TT Electronics. FS210 Datasheet HTML 15Page - TT Electronics. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
TT Electronics | OPTEK Technology
2900 E. Plano Parkway, St 200, Plano, TX 75074, USA | Ph: +1 972 323 2200
www.ttelectronics.com | sensors@ttelectronics.com
Rev C, 4/27/2023
Page 11
© TT electronics plc
FlexSense® I-Series Programmable
Incremental Encoder
FS210/FS310 Datasheet
Pixel Array Control
Correct operation of the FS210/FS310 requires that its photoactive area, an array of 4,096 pixels (64 rows by 64 columns),
be configured to be consistent with the code wheel with which it is being used. Six aggregate photocurrents are produced
by the device’s photoactive area: the positive- and negative-sense photocurrents for the two quadrature-track outputs and
for the index-track output. Each pixel’s photocurrent either contributes to one of the six aggregate photocurrents (A+, A-,
B+, B-, Z+, Z-) or is shunted to ground, depending on how the pixel is configured.
The on-chip physical dimensions of each pixel are 36.2μm by 18.1μm, so the dimensions of the entire photoactive area are
2.32mm by 1.16mm.
Associated with each pixel is a single SRAM bit called a Pixel Control (PXC) bit, and associated with each pixel column are
four SRAM bits called a Column Configuration (CCFG) nibble. A column’s CCFG nibble selects the aggregate photocurrent
output to which the active pixels in that column contribute (A+, A-, B+, B-, Z+, Z-, or none). A pixel’s PXC bit controls
whether that pixel is active – i.e. its photocurrent contributes to the aggregate photocurrent output selected by the
column’s 4-bit control field – or inactive – i.e. its photocurrent is shunted to ground.
The 4,096 PXC bits, or 512 bytes, occupy the address range [0x000 – 0x1FF]. The 64 CCFG nibbles, or 32 bytes, occupy the
address range [0x400 – 0x41F]. The mapping of logical bytes and bits to physical columns and pixels is detailed below.
The PXC and CCFG bytes are volatile SRAM, so their contents are lost every time the device is power cycled. Therefore, the
desired contents must be stored off-chip in non-volatile storage somewhere in the system, and the system must contain a
means to copy the patterns from the off-chip non-volatile storage into the on-chip SRAM through the device’s I2C port
every time it is powered up. If the system contains a microcontroller with non-volatile storage outside the encoder module,
then this microcontroller can contain the non-volatized PXC and CCFG contents. If the system does not contain a
microcontroller with non-volatile storage outside the encoder module, then a non-volatile memory chip with an I2C
interface and at least 1Kbyte capacity, such as the M24C32S-FCU from ST, is required.
Table 5: Mapping of PXC and CCFG Registers to Pixel Location
Col. Grp. 000
Col. Grp. 100
Col. Grp. 001
Col. Grp. 101
Col. Grp. 010
Col. Grp. 110
Col. Grp. 011
Col. Grp. 111
Row 00
[0x0000]
[0x0004]
[0x0001]
[0x0005]
[0x0002]
[0x0006]
[0x0003]
[0x0007]
Row 01
[0x0008]
[0x000C]
[0x0009]
[0x000D]
[0x000A]
[0x000E]
[0x000B]
[0x000F]
Row 02
[0x0010]
[0x0014]
[0x0011]
[0x0015]
[0x0012]
[0x0016]
[0x0013]
[0x0017]
Row 03
[0x0018]
[0x001C]
[0x0019]
[0x001D]
[0x001A]
[0x001E]
[0x001B]
[0x001F]
Rows
04-59
Row 60
[0x01E0]
[0x01E4]
[0x01E1]
[0x01E5]
[0x01E2]
[0x01E6]
[0x01E3]
[0x01E7]
Row 61
[0x01E8]
[0x01EC]
[0x01E9]
[0x01ED]
[0x01EA]
[0x01EE]
[0x01EB]
[0x01EF]
Row 62
[0x01F0]
[0x01F4]
[0x01F1]
[0x01F5]
[0x01F2]
[0x01F6]
[0x01F3]
[0x01F7]
Row 63
[0x01F8]
[0x01FC]
[0x01F9]
[0x01FD]
[0x01FA]
[0x01FE]
[0x01FB]
[0x01FF]
CCFG
[0x0400 –
0x0403]
[0x0404 –
0x0407]
[0x0408 –
0x040B]
[0x040C –
0x040F]
[0x0410 –
0x0413]
[0x0414 –
0x0417]
[0x0418 –
0x041B]
[0x041C –
0x041F]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com