Electronic Components Datasheet Search
  English  ▼

X  

FS210 Datasheet(PDF) 12 Page - TT Electronics.

Part # FS210
Description  FlexSense® I-Series Programmable Incremental Encoder
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

FS210 Datasheet(HTML) 12 Page - TT Electronics.

Back Button FS210 Datasheet HTML 8Page - TT Electronics. FS210 Datasheet HTML 9Page - TT Electronics. FS210 Datasheet HTML 10Page - TT Electronics. FS210 Datasheet HTML 11Page - TT Electronics. FS210 Datasheet HTML 12Page - TT Electronics. FS210 Datasheet HTML 13Page - TT Electronics. FS210 Datasheet HTML 14Page - TT Electronics. FS210 Datasheet HTML 15Page - TT Electronics. FS210 Datasheet HTML 16Page - TT Electronics. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 40 page
background image
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
TT Electronics | OPTEK Technology
2900 E. Plano Parkway, St 200, Plano, TX 75074, USA | Ph: +1 972 323 2200
www.ttelectronics.com | sensors@ttelectronics.com
Rev C, 4/27/2023
Page 12
© TT electronics plc
FlexSense® I-Series Programmable
Incremental Encoder
FS210/FS310 Datasheet
Pixel Control Registers (PXC: [0x0000 – 0x01FF])
The mapping of pixels to the PXC bits that control them is as follows: The 64 rows in the pixel array are numbered consecutively,
from row 00 at the top to row 63 at the bottom. The 64 columns in the pixel array are divided into eight groups of eight
contiguous columns. The column groups are numbered non-consecutively: group 0 contains the leftmost 8 columns, group 4
contains the next-leftmost 8 columns, group 1 contains the next-leftmost 8 columns, then group 5, then group 2, then group 6;
group 3 contains the second-rightmost 8 columns, and group 7 contains the rightmost 8 columns. The address of the PXC register
that controls a particular set of 8 pixels is found by concatenating the row number (6 bits) and the column group number (3 bits)
of the set of pixels, as shown below:
Table 6. PXC Register Address
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0
0
0
0
0
0
0
Row #
Col. Group #
A single PXC register controls 8 pixels, with the bits from least-significant to most-significant controlling the pixels in the set
of 8 from left to right: the least-significant bit controls the leftmost pixel of the 8, and the most-significant bit controls the
rightmost pixel of the 8. If the value of the PXC register bit controlling a particular pixel is 1, then the photocurrent of that
pixel does contribute to the aggregated output current to which the column is assigned by its CCFG register. If the value of
the PXC register bit controlling a particular pixel is 0, then the photocurrent of that pixel is shunted to ground and does not
contribute to the aggregated output current to which the column is assigned by its CCFG register.
Table 7. Bits Within a PXC Register
MSB
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
LSB
Rightmost
pixel
2nd-
rightmost
pixel
3rd-
rightmost
pixel
4th-
rightmost
pixel
4th-
leftmost
pixel
3rd-
leftmost
pixel
2nd-
leftmost
pixel
Leftmost
pixel
Column Configuration Registers (CCFG: [0x0400 – 0x041F])
Each CCFG register controls two adjacent pixel columns: the four least-significant bits control the leftmost of the two
columns, and the four most-significant bits control the rightmost of the two columns. The column pairs controlled by
individual CCFG registers step from left to right with increasing address: [0x0400] controls the leftmost pair of columns,
[0x0401] controls the second-leftmost pair, [0x041E] controls the second-rightmost pair, and [0x041F] controls the
rightmost pair. The value of each nibble in a CCFG register selects the aggregated photocurrent (A+, A-, B+, B-, Z+, Z-) to
which the photocurrents from all “ON” pixels in the corresponding column contribute, according to the table below.
Table 8. CCFG Byte
MSB
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
LSB
Rightmost column of pair
Leftmost column of pair



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com