Electronic Components Datasheet Search
  English  ▼

X  

FS210 Datasheet(PDF) 18 Page - TT Electronics.

Part # FS210
Description  FlexSense® I-Series Programmable Incremental Encoder
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

FS210 Datasheet(HTML) 18 Page - TT Electronics.

Back Button FS210 Datasheet HTML 14Page - TT Electronics. FS210 Datasheet HTML 15Page - TT Electronics. FS210 Datasheet HTML 16Page - TT Electronics. FS210 Datasheet HTML 17Page - TT Electronics. FS210 Datasheet HTML 18Page - TT Electronics. FS210 Datasheet HTML 19Page - TT Electronics. FS210 Datasheet HTML 20Page - TT Electronics. FS210 Datasheet HTML 21Page - TT Electronics. FS210 Datasheet HTML 22Page - TT Electronics. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 40 page
background image
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
TT Electronics | OPTEK Technology
2900 E. Plano Parkway, St 200, Plano, TX 75074, USA | Ph: +1 972 323 2200
www.ttelectronics.com | sensors@ttelectronics.com
Rev C, 4/27/2023
Page 18
© TT electronics plc
FlexSense® I-Series Programmable
Incremental Encoder
FS210/FS310 Datasheet
Index-Track Outputs
The digital index-track outputs ZOUT_P and ZOUT_N are intended to produce one single pulse per code-wheel revolution,
provided the code wheel is designed properly for that purpose and the PXC/CCFG data pattern is consistent with the code
wheel. ZOUT_P is intended to be low for most of the code-wheel revolution and to have a single high-going pulse once per
revolution. ZOUT_N is the logical complement of ZOUT_P and therefore is intended to be high for most of the code-wheel
revolution and to have a single low-going pulse once per revolution, coincident with the single high-going pulse on ZOUT_P.
The Index-Track Configuration Register ZCFG controls whether the index-track output is differential – i.e. both ZOUT_P and
ZOUT_N to complementary logic levels – or single-ended – i.e. the FS210/FS310 places ZOUT_N in a high-impedance state
and only drives ZOUT_P. ZCFG also controls the timing of the single pulse on ZOUT_P/ZOUT_N with respect to the
quadrature-track outputs.
Index Track Gating
The ZOUT signals can optionally be gated by the quadrature outputs as detailed in the section below. All the gating
features are defined with Z+ - Z- tracks are greater than 0 and X+ - X- is less than 0, where X is either A or B as chosen in the
ZCFG register. If the opposite polarity of the quadrature signal is desired, i.e. X+ - X- is greater than 0, please contact the
factory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com