Electronic Components Datasheet Search
  English  ▼

X  

FS210 Datasheet(PDF) 30 Page - TT Electronics.

Part # FS210
Description  FlexSense® I-Series Programmable Incremental Encoder
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

FS210 Datasheet(HTML) 30 Page - TT Electronics.

Back Button FS210 Datasheet HTML 26Page - TT Electronics. FS210 Datasheet HTML 27Page - TT Electronics. FS210 Datasheet HTML 28Page - TT Electronics. FS210 Datasheet HTML 29Page - TT Electronics. FS210 Datasheet HTML 30Page - TT Electronics. FS210 Datasheet HTML 31Page - TT Electronics. FS210 Datasheet HTML 32Page - TT Electronics. FS210 Datasheet HTML 33Page - TT Electronics. FS210 Datasheet HTML 34Page - TT Electronics. Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 40 page
background image
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
TT Electronics | OPTEK Technology
2900 E. Plano Parkway, St 200, Plano, TX 75074, USA | Ph: +1 972 323 2200
www.ttelectronics.com | sensors@ttelectronics.com
Rev C, 4/27/2023
Page 30
© TT electronics plc
FlexSense® I-Series Programmable
Incremental Encoder
FS210/FS310 Datasheet
Other Registers
The FS210/FS310 contains two registers that selectively power down portions of the quadrature-track and index-track
signal-path circuitry: the Transimpedance Amplifier Enable (TIAE) and Comparator/Buffer Enable Register (CBFEZ) registers.
There are two situations in which it might be desirable to modify the contents of these registers from their power-on
defaults in order to reduce the supply current consumed by the device:
• If the device is deployed in a system whose code wheel does not contain an index track, then TIAE and CBFEZ can be
modified to turn off the index-track transimpedance amplifier and comparator.
• If the device is in a system in which QCFG is configured only for analog outputs and/or uninterpolated digital
outputs, then CBFEZ can be modified to turn off the interpolated quad-track comparators.
In all other cases, the contents of TIAE and CBFEZ should not be modified from their power-on defaults.
The FS210/FS310 also contains a Miscellaneous Control Register (MISC), which can be used to enable the preventive-
maintenance outputs on the IPTAT, AMPL2_P, and AMPL2_N pins. If these outputs are enabled, the IPTAT pin sinks a
current that is first-order proportional to absolute temperature and is nominally equal to 10μA at 25°C, and the AMPL2_P
and AMPL2_N pins source currents whose difference is the sum of the squares of the analog quadrature-track differential
output voltages (which should be constant if the device is configured properly and the system has no mechanical-integrity
issues).
Transimpedance Amplifier Enable Register (TIAE: [0x088A])
Table 32. TIAE register definition
MSB
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
LSB
RSVD
ZTIAE
RSVD
Table 33. TIAE field description
Bits
Description
ZTIAE
Index-track transimpedance-amplifier enable bit:
1:
Enable index-track transimpedance amplifier (power-on default)
0:
Disable index-track transimpedance amplifier
RSVD
Reserved; do not modify from power-on default value (1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com