Electronic Components Datasheet Search
  English  ▼

X  

FS210 Datasheet(PDF) 32 Page - TT Electronics.

Part # FS210
Description  FlexSense® I-Series Programmable Incremental Encoder
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

FS210 Datasheet(HTML) 32 Page - TT Electronics.

Back Button FS210 Datasheet HTML 28Page - TT Electronics. FS210 Datasheet HTML 29Page - TT Electronics. FS210 Datasheet HTML 30Page - TT Electronics. FS210 Datasheet HTML 31Page - TT Electronics. FS210 Datasheet HTML 32Page - TT Electronics. FS210 Datasheet HTML 33Page - TT Electronics. FS210 Datasheet HTML 34Page - TT Electronics. FS210 Datasheet HTML 35Page - TT Electronics. FS210 Datasheet HTML 36Page - TT Electronics. Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 40 page
background image
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
TT Electronics | OPTEK Technology
2900 E. Plano Parkway, St 200, Plano, TX 75074, USA | Ph: +1 972 323 2200
www.ttelectronics.com | sensors@ttelectronics.com
Rev C, 4/27/2023
Page 32
© TT electronics plc
FlexSense® I-Series Programmable
Incremental Encoder
FS210/FS310 Datasheet
Power-Up Sequence
When the voltage on the FS210/FS310’s digital and analog supply pins VDD and VDDA rises above the power-on reset trip
point, a power-up sequence is initiated. The device’s behavior varies depending on the logic level on the MODE pin at
power-on reset. If MODE = 1, the device completes a master-mode power-up sequence. If MODE = 0, the device completes
a slave-mode power-up sequence.
In both master-mode and slave-mode power-up sequences, the FS210/FS310 sets the ISPS status bit (bit 7 of the Interrupt
Mask/Status Register INTR) to 1 and drives the IRQZ pin low as soon as the VDD/VDDA voltage rises above the power-on
reset trip point. For the next approximately 2.5ms, the device performs an internal self-configuration routine.
In a master-mode power-up sequence, when the self-configuration routine is complete, the device, acting as an I2C master,
executes an I2C read access to an off-chip non-volatile memory device such as the M24C32S-FCU from ST Microelectronics,
wherein the contents of addresses [0x0000-0x01FF], [0x0400-0x041F], and [0x0880-0x088C] in the off-chip memory device
are copied into the same addresses in the FlexSenseTM device (PXC, CCFG, and miscellaneous configuration registers,
respectively). If this I2C read access is successful and if the data byte copied into the device’s SIG register ([0x088C]) is equal
to 0xAA, then the device sets its SIGV register ([0x088E]) to 0x0A. When the I2C read access is complete (whether successful
or not), the device releases the IRQZ pin, and the power-up sequence is complete.
In a slave-mode power-up sequence, the FS210/FS310 does not execute an I2C read access to an off-chip non-volatile
memory device, and the device releases the IRQZ pin as soon as the self-configuration routine is complete, indicating the
completion of the power-up sequence. In this case, the device’s PXC and CCFG registers are in random states and the rest
of the configuration registers contain their power-on default values at the completion of the power-up sequence.
Therefore, proper operation of the FS210/FS310 depends upon the loading of values into these registers consistent with
the system in which the device is deployed, via one or more I2C write accesses to the device from a bus master elsewhere in
the system.
Throughout the duration of the power-up sequence – i.e. while the device is driving the IRQZ pin low, external I2C write and
read accesses are prohibited, and any such I2C accesses are ignored by the device. I2C write and read accesses are accepted
by the device once the IRQZ pin is released at the end of the power-up sequence.
I2C Interface
The I2C interface is used to read from and write to the FS210/FS310’s registers. The device functions as a fast-mode (max
400 Kbit/s) slave device (except during a master-mode power-up sequence, when it functions as a master), according to the
I2C specification document, located at:
http://www.nxp.com/documents/user_manual/UM10204.pdf
The FlexSenseTM device, when in slave mode, includes all the mandatory features (START and STOP condition recognition,
acknowledgement, 7-bit slave address) and none of the optional slave-device features specified by the I2C standards. Both
I2C pins, SCL and SDA, are open-drain, and they both require off-chip external pullup resistors to VDD. The SCL pin is driven
by whichever device on the I2C bus is the bus master, and the SDA pin is driven by whichever device is transmitting a data
bit.
The figure below illustrates the transfer of data bits on the I2C bus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com