Electronic Components Datasheet Search
  English  ▼

X  

BGA2803 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BGA2803
Description  MMIC wideband amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BGA2803 Datasheet(HTML) 3 Page - NXP Semiconductors

  BGA2803 Datasheet HTML 1Page - NXP Semiconductors BGA2803 Datasheet HTML 2Page - NXP Semiconductors BGA2803 Datasheet HTML 3Page - NXP Semiconductors BGA2803 Datasheet HTML 4Page - NXP Semiconductors BGA2803 Datasheet HTML 5Page - NXP Semiconductors BGA2803 Datasheet HTML 6Page - NXP Semiconductors BGA2803 Datasheet HTML 7Page - NXP Semiconductors BGA2803 Datasheet HTML 8Page - NXP Semiconductors BGA2803 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
BGA2803
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 5 — 13 July 2015
3 of 18
NXP Semiconductors
BGA2803
MMIC wideband amplifier
Gp
power gain
f = 250 MHz
22.9
23.5
24.1
dB
f = 950 MHz
22.9
23.6
24.3
dB
f = 2150 MHz
21.2
22.6
24.1
dB
RLin
input return loss
f = 250 MHz
9
11
13
dB
f = 950 MHz
1314
16dB
f = 2150 MHz
13
20
26
dB
RLout
output return loss
f = 250 MHz
17
22
26
dB
f = 950 MHz
1213
14dB
f = 2150 MHz
11
14
16
dB
ISL
isolation
f = 250 MHz
46
66
87
dB
f = 950 MHz
4748
50dB
f = 2150 MHz
38
40
43
dB
NF
noise figure
f = 250 MHz
3.2
3.7
4.2
dB
f = 950 MHz
3.2
3.6
4.0
dB
f = 2150 MHz
3.0
3.4
3.8
dB
B3dB
3 dB bandwidth
3 dB below gain at 1 GHz
2.5
2.7
2.9
GHz
K
Rollett stability factor
f = 250 MHz
18
57
95
f = 950 MHz
6
7
9
f = 2150 MHz
2
3
4
PL(sat)
saturated output power
f = 250 MHz
4
3
3dBm
f = 950 MHz
5
3
2dBm
f = 2150 MHz
7
6
5dBm
PL(1dB)
output power at 1 dB gain compression f = 250 MHz
7
6
5dBm
f = 950 MHz
7
6
4dBm
f = 2150 MHz
9
8
7dBm
IP3I
input third-order intercept point
Pdrive = 39 dBm (for each tone)
f1 = 250 MHz; f2 = 251 MHz
19.5 17.5 15.5 dBm
f1 = 950 MHz; f2 = 951 MHz
20.5 18.5 16.5 dBm
f1 =2150MHz; f2 =2151MHz
24.5 20.5 17.5 dBm
IP3O
output third-order intercept point
Pdrive = 39 dBm (for each tone)
f1 = 250 MHz; f2 = 251 MHz
4
6
8
dBm
f1 = 950 MHz; f2 = 951 MHz
3
5
7
dBm
f1 =2150MHz; f2 =2151MHz
1+2
+5
dBm
PL(2H)
second harmonic output power
Pdrive = 39 dBm
f1H = 250 MHz; f2H =500 MHz
54
52
50
dBm
f1H = 950 MHz; f2H =1900MHz
46
44
43
dBm
IM2
second-order intermodulation distance
Pdrive = 39 dBm (for each tone)
f1 = 250 MHz; f2 = 251 MHz
3335
37dBc
f1 = 950 MHz; f2 = 951 MHz
2729
30dBc
Table 6.
Characteristics …continued
VCC = 3.3 V; ZS = ZL = 50 ; Pi = 30 dBm; Tamb = 25 C; measured on demo board; unless otherwise specified.
Symbol Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com