Electronic Components Datasheet Search
  English  ▼

X  

BGA2803 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BGA2803
Description  MMIC wideband amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BGA2803 Datasheet(HTML) 4 Page - NXP Semiconductors

  BGA2803 Datasheet HTML 1Page - NXP Semiconductors BGA2803 Datasheet HTML 2Page - NXP Semiconductors BGA2803 Datasheet HTML 3Page - NXP Semiconductors BGA2803 Datasheet HTML 4Page - NXP Semiconductors BGA2803 Datasheet HTML 5Page - NXP Semiconductors BGA2803 Datasheet HTML 6Page - NXP Semiconductors BGA2803 Datasheet HTML 7Page - NXP Semiconductors BGA2803 Datasheet HTML 8Page - NXP Semiconductors BGA2803 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
BGA2803
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 5 — 13 July 2015
4 of 18
NXP Semiconductors
BGA2803
MMIC wideband amplifier
8.
Application information
Figure 1 shows a typical application circuit for the BGA2803 MMIC. The device is
internally matched to 50
, and therefore does not need any external matching. The value
of the input and output DC blocking capacitors C2 and C3 should not be more than 100 pF
for applications above 100 MHz. However, when the device is operated below 100 MHz,
the capacitor value should be increased.
The location of the 470 pF supply decoupling capacitor (Cdec) can be precisely chosen for
optimum performance.
The PCB top ground plane, connected to pins 2, 4 and 5 must be as close as possible to
the MMIC, preferably also below the MMIC. When using via holes, use multiple via holes
as close as possible to the MMIC.
8.1 Application examples
Fig 1.
Typical application circuit
The MMIC is very suitable as IF amplifier in e.g. LNB’s.
The excellent wideband characteristics make it an easy
building block.
As second amplifier after an LNA, the MMIC offers an
easy matching, low noise solution.
Fig 2.
Application as IF amplifier
Fig 3.
Application as RF amplifier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com