Electronic Components Datasheet Search
  English  ▼

X  

BGA2803 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # BGA2803
Description  MMIC wideband amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BGA2803 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button BGA2803 Datasheet HTML 9Page - NXP Semiconductors BGA2803 Datasheet HTML 10Page - NXP Semiconductors BGA2803 Datasheet HTML 11Page - NXP Semiconductors BGA2803 Datasheet HTML 12Page - NXP Semiconductors BGA2803 Datasheet HTML 13Page - NXP Semiconductors BGA2803 Datasheet HTML 14Page - NXP Semiconductors BGA2803 Datasheet HTML 15Page - NXP Semiconductors BGA2803 Datasheet HTML 16Page - NXP Semiconductors BGA2803 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
BGA2803
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 5 — 13 July 2015
13 of 18
NXP Semiconductors
BGA2803
MMIC wideband amplifier
9.
Test information
[1]
For decoupling a decoupling capacitor (Cdec) is used on one of the positions of P5 to P24. The results mentioned in this data sheet have
been obtained using the decoupling capacitor Cdec on position P22.
For decoupling a decoupling capacitor (Cdec) is used on one of the positions of P5 to P24. The
results mentioned in this data sheet have been obtained using the decoupling capacitor Cdec on
position P22. The distance between the center of pin 1 and the center of position P22 is 7.43 mm.
Fig 12. PCB layout and demo board with components
Table 15.
List of components used for the typical application
Component
Description
Value
Dimensions
Remarks
C1, C2
multilayer ceramic chip capacitor
470 pF
0603
X7R RF coupling capacitor
P5 to P24 [1]
position for multilayer ceramic chip
capacitor Cdec
470 pF
0603
X7R RF decoupling capacitor
IC1
BGA2803 MMIC
-
SOT363



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com