Electronic Components Datasheet Search
  English  ▼

X  

BGA2803 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # BGA2803
Description  MMIC wideband amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BGA2803 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button BGA2803 Datasheet HTML 3Page - NXP Semiconductors BGA2803 Datasheet HTML 4Page - NXP Semiconductors BGA2803 Datasheet HTML 5Page - NXP Semiconductors BGA2803 Datasheet HTML 6Page - NXP Semiconductors BGA2803 Datasheet HTML 7Page - NXP Semiconductors BGA2803 Datasheet HTML 8Page - NXP Semiconductors BGA2803 Datasheet HTML 9Page - NXP Semiconductors BGA2803 Datasheet HTML 10Page - NXP Semiconductors BGA2803 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
BGA2803
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 5 — 13 July 2015
7 of 18
NXP Semiconductors
BGA2803
MMIC wideband amplifier
Pdrive = 39 dBm; Z0 =50 .
(1) VCC = 2.7 V; Tamb = 85 C; ICC = 4.90 mA
(2) VCC = 2.7 V; Tamb = 40 C; ICC = 4.70 mA
(3) VCC = 3.0 V; Tamb = 25 C; ICC = 5.70 mA
(4) VCC = 3.3 V; Tamb = 85 C; ICC = 6.70 mA
(5) VCC = 3.3 V; Tamb = 40 C; ICC = 6.60 mA
Pdrive = 39 dBm; Z0 =50 .
(1) VCC = 2.7 V; Tamb = 85 C; ICC = 4.90 mA
(2) VCC = 2.7 V; Tamb = 40 C; ICC = 4.70 mA
(3) VCC = 3.0 V; Tamb = 25 C; ICC = 5.70 mA
(4) VCC = 3.3 V; Tamb = 85 C; ICC = 6.70 mA
(5) VCC = 3.3 V; Tamb = 40 C; ICC = 6.60 mA
Fig 6.
Rollett stability factor as function of
frequency; typical values
Fig 7.
Input return loss as function of frequency;
typical values



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com