Electronic Components Datasheet Search
  English  ▼

X  

BGA2803 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # BGA2803
Description  MMIC wideband amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BGA2803 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button BGA2803 Datasheet HTML 6Page - NXP Semiconductors BGA2803 Datasheet HTML 7Page - NXP Semiconductors BGA2803 Datasheet HTML 8Page - NXP Semiconductors BGA2803 Datasheet HTML 9Page - NXP Semiconductors BGA2803 Datasheet HTML 10Page - NXP Semiconductors BGA2803 Datasheet HTML 11Page - NXP Semiconductors BGA2803 Datasheet HTML 12Page - NXP Semiconductors BGA2803 Datasheet HTML 13Page - NXP Semiconductors BGA2803 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
BGA2803
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 5 — 13 July 2015
10 of 18
NXP Semiconductors
BGA2803
MMIC wideband amplifier
Table 9.
Input power at 1 dB gain compression over temperature and supply voltages
Typical values.
Symbol Parameter
Conditions
Tamb (C)
Unit
40
+25
+85
Pi(1dB)
input power at 1 dB gain compression
f = 250 MHz
VCC = 2.7 V
29
28
28
dBm
VCC =3.0 V
29
28
28
dBm
VCC =3.3 V
29
28
28
dBm
f = 950 MHz
VCC = 2.7 V
28
28
28
dBm
VCC =3.0 V
28
28
28
dBm
VCC =3.3 V
28
28
28
dBm
f = 2150 MHz
VCC = 2.7 V
29
29
30
dBm
VCC =3.0 V
29
30
30
dBm
VCC =3.3 V
29
30
31
dBm
Table 10.
Output power at 1 dB gain compression over temperature and supply voltages
Typical values.
Symbol
Parameter
Conditions
Tamb (C)
Unit
40 +25
+85
PL(1dB)
output power at 1 dB gain compression
f = 250 MHz
VCC = 2.7 V
7
7
8dBm
VCC =3.0 V
5
6
6dBm
VCC =3.3 V
4
5
5dBm
f = 950 MHz
VCC = 2.7 V
7
7
8dBm
VCC =3.0 V
5
6
6dBm
VCC =3.3 V
4
4
5dBm
f = 2150 MHz
VCC = 2.7 V
8
9
11
dBm
VCC =3.0 V
6
8
10 dBm
VCC =3.3 V
5
7
9dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com