Electronic Components Datasheet Search
  English  ▼

X  

DAC2932 Datasheet(PDF) 21 Page - Texas Instruments

Part # DAC2932
Description  Dual, 12-Bit, 40MSPS Digital-to-Analog Converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC2932 Datasheet(HTML) 21 Page - Texas Instruments

Back Button DAC2932 Datasheet HTML 17Page - Texas Instruments DAC2932 Datasheet HTML 18Page - Texas Instruments DAC2932 Datasheet HTML 19Page - Texas Instruments DAC2932 Datasheet HTML 20Page - Texas Instruments DAC2932 Datasheet HTML 21Page - Texas Instruments DAC2932 Datasheet HTML 22Page - Texas Instruments DAC2932 Datasheet HTML 23Page - Texas Instruments DAC2932 Datasheet HTML 24Page - Texas Instruments DAC2932 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
DAC2932
SBAS279D − AUGUST 2003 − REVISED JULY 2005
www.ti.com
21
Alternatively, bringing GSET low (that is, connected to
AGND), switches the DAC2932 into the simultaneous gain
set mode. Now the full-scale output current of both DAC
channels is determined by only one external RSET resistor
connected to the FSA1 pin. The resistor at the FSA2 pin
may be removed; however, this is not required since this
pin is not functional in this mode and the resistor has no
effect on the gain equation. The formula for deriving the
correct RSET remains unchanged. For example,
RSET = 19.6kΩ will result in a 2mA output for both DACs.
The DAC2932 is specified with GSET being high and
operating in inpendent gain mode. It should be noted that
when using the simultaneous gain mode, the gain error
and gain matching error will increase.
EXTERNAL REFERENCE OPERATION
The internal reference can be disabled by simply applying
an external reference voltage into the REFIN pin, which in
this case functions as an input, as shown in Figure 38. The
use of an external reference may be considered for
applications that require higher accuracy and drift
performance.
RSET
External
Reference
IREF =
VREF
RSET
DAC2932
+1.22V Ref.
FSA
+3V
+VA
REFIN
Current
Sources
Ref
Control
Amp
Figure 38. External Reference Configuration
While a 0.1μF capacitor is recommended for use with the
internal reference, it is optional for the external reference
operation. The reference input, REFIN, has a high input
impedance and can easily be driven by various sources.
V−DAC
The architecture consists of a resistor string DAC followed
by an output buffer amplifier. Figure 39 shows a block
diagram of the DAC architecture.
DAC Register
REF (+)
Resistor
String
REF(
−)
Output
Amplifier
GND
REFV
(+VDV)
VOUT
Figure 39. V-DAC Architecture
The input coding to the V-DAC is straight binary, so the
ideal output voltage is given by:
VOUT + REFV
D
4096
where D = decimal equivalent of the binary code that is
loaded to the DAC register; it can range from 0 to 4095.
SERIAL INTERFACE
The V−DACs have a three-wire serial interface (SYNC,
SCLK, and DIN), which is compatible with SPI, QSPI, and
Microwire interface standards as well as most Digital
Signal Processors (DSPs).
The write sequence begins by bringing the SYNC line low.
Data from the DIN line is clocked into the 16-bit shift
register on the falling edge of SCLK. The serial clock
frequency can be as high as 20MHz, making the V-DACs
compatible with high-speed DSPs. On the 16th falling
edge of the serial clock, the last data bit is clocked in and
the programmed function is executed (that is, a change in
DAC register contents and/or a change in the mode of
operation).
At this point, the SYNC line may be kept low or brought
high. In either case, it must be brought high for a minimum
of 50ns before the next write sequence so that a falling
edge of SYNC can initiate the next write sequence. Since
the SYNC buffer draws more current when the SYNC
signal is high than it does when it is low, SYNC should be
idled low between write sequences for lowest power
operation of the part. As mentioned above, however, it
must be brought high again just before the next write
sequence.
(11)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com