Electronic Components Datasheet Search
  English  ▼

X  

DAC2932 Datasheet(PDF) 12 Page - Texas Instruments

Part # DAC2932
Description  Dual, 12-Bit, 40MSPS Digital-to-Analog Converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC2932 Datasheet(HTML) 12 Page - Texas Instruments

Back Button DAC2932 Datasheet HTML 8Page - Texas Instruments DAC2932 Datasheet HTML 9Page - Texas Instruments DAC2932 Datasheet HTML 10Page - Texas Instruments DAC2932 Datasheet HTML 11Page - Texas Instruments DAC2932 Datasheet HTML 12Page - Texas Instruments DAC2932 Datasheet HTML 13Page - Texas Instruments DAC2932 Datasheet HTML 14Page - Texas Instruments DAC2932 Datasheet HTML 15Page - Texas Instruments DAC2932 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
DAC2932
SBAS279D − AUGUST 2003 − REVISED JULY 2005
www.ti.com
12
TYPICAL CHARACTERISTICS (continued)
TA = +25°C, +VA = +VAV = +3V, +VD = +VDV = +3V, IOUTFS = 2mA, differential transformer-coupled output (n = 4:1), RL = 400Ω on I-DAC,
RL = 2kΩ on V-DAC, and GSET = H unless otherwise noted.
Figure 15
5.60
5.55
5.50
5.45
5.40
5.35
5.30
5.25
5.20
−40
−20
0
20
40
60
80 85
Temperature (
_C)
IA vs TEMPERATURE
Figure 16
6.5
6.0
5.5
5.0
4.5
4.0
3.5
3.0
2.5
2.0
−40
−20
0
20
40
60
80 85
Temperature (
_C)
ID vs TEMPERATURE AT fOUT AND fCLK
19.9MHz, 40MSPS
10MHz, 40MSPS
2.2MHz, 40MSPS
1MHz, 20MSPS
Figure 17
5.43
5.42
5.41
5.40
5.39
5.38
5.37
5.36
5.35
2.7
2.8
2.9
3.0
3.1
3.2
3.3
Supply Voltage (V)
IA vs SUPPLY VOLTAGE
Figure 18
6.5
6.0
5.5
5.0
4.5
4.0
3.5
3.0
2.5
2.0
2.72.8
2.93.0
3.13.2
3.3
Supply Voltage (V)
ID vs SUPPLY VOLTAGE AT fOUT AND fCLK
19.9MHz, 40MSPS
10MHz, 40MSPS
2.2MHz, 40MSPS
1MHz, 20MSPS
Figure 19
0
−10
−20
−30
−40
−50
−60
−70
−80
−90
−100
02
46
8
10
12
16
14
18
20
Frequency (MHz)
I−DAC1 OUTPUT SPECTRUM
fOUT =2.2MHz
fCLK = 40MSPS
Figure 20
0
−10
−20
−30
−40
−50
−60
−70
−80
−90
−100
02
468
10
12
16
14
18
20
Frequency (MHz)
I−DAC2 OUTPUT SPECTRUM
fOUT =2.2MHz
fCLK = 40MSPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com