Electronic Components Datasheet Search
  English  ▼

X  

DAC2932 Datasheet(PDF) 13 Page - Texas Instruments

Part # DAC2932
Description  Dual, 12-Bit, 40MSPS Digital-to-Analog Converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC2932 Datasheet(HTML) 13 Page - Texas Instruments

Back Button DAC2932 Datasheet HTML 9Page - Texas Instruments DAC2932 Datasheet HTML 10Page - Texas Instruments DAC2932 Datasheet HTML 11Page - Texas Instruments DAC2932 Datasheet HTML 12Page - Texas Instruments DAC2932 Datasheet HTML 13Page - Texas Instruments DAC2932 Datasheet HTML 14Page - Texas Instruments DAC2932 Datasheet HTML 15Page - Texas Instruments DAC2932 Datasheet HTML 16Page - Texas Instruments DAC2932 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
DAC2932
SBAS279D − AUGUST 2003 − REVISED JULY 2005
www.ti.com
13
TYPICAL CHARACTERISTICS (continued)
TA = +25°C, +VA = +VAV = +3V, +VD = +VDV = +3V, IOUTFS = 2mA, differential transformer-coupled output (n = 4:1), RL = 400Ω on I-DAC,
RL = 2kΩ on V-DAC, and GSET = H unless otherwise noted.
Figure 21
−10
−20
−30
−40
−50
−60
−70
−80
−90
−100
−110
02
468
10
12
16
14
18
20
Frequency (MHz)
DUAL−TONE OUTPUT SPECTRUM
f1 =1.2MHz
f2 =2.2MHz
fCLK =40MSPS
Figure 22
−10
−20
−30
−40
−50
−60
−70
−80
−90
−100
−110
02
46
8
10
12
16
14
18
20
Frequency (MHz)
FOUR−TONE OUTPUT SPECTRUM
f1 =1.2MHz
f2 =2.2MHz
f3 =3.2MHz
f4 =4.2MHz
fCLK =40MSPS
Figure 23
−60
−70
−80
−90
−100
−110
−120
024
6
8
10
12
16
14
18
20
Frequency (MHz)
I−DAC CHANNEL ISOLATION vs fOUT AT 40MSPS
Channel 1
Channel 2
Figure 24
V−DAC, INL
0
16
12
8
4
0
−4
−8
−12
−16
500
1000 1500 2000 2500 3000 3500 4000
Codes
Figure 25
V−DAC, DNL
0
1.0
0.8
0.6
0.4
0.2
0
−0.2
−0.4
−0.6
−0.8
−1.0
500
1000 1500 2000 2500 3000 3500 4000
Codes
Figure 26
VOUT vs CODE
0
3.00
2.75
2.50
2.25
2.00
1.75
1.50
1.25
1.00
0.75
0.50
0.25
0
500
1000 1500 2000 2500 3000 3500 4000
Codes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com