Electronic Components Datasheet Search
  English  ▼

X  

DAC2932 Datasheet(PDF) 8 Page - Texas Instruments

Part # DAC2932
Description  Dual, 12-Bit, 40MSPS Digital-to-Analog Converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC2932 Datasheet(HTML) 8 Page - Texas Instruments

Back Button DAC2932 Datasheet HTML 4Page - Texas Instruments DAC2932 Datasheet HTML 5Page - Texas Instruments DAC2932 Datasheet HTML 6Page - Texas Instruments DAC2932 Datasheet HTML 7Page - Texas Instruments DAC2932 Datasheet HTML 8Page - Texas Instruments DAC2932 Datasheet HTML 9Page - Texas Instruments DAC2932 Datasheet HTML 10Page - Texas Instruments DAC2932 Datasheet HTML 11Page - Texas Instruments DAC2932 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
DAC2932
SBAS279D − AUGUST 2003 − REVISED JULY 2005
www.ti.com
8
PIN ASSIGNMENTS
36
35
34
33
32
31
30
29
28
27
26
25
1
2
3
4
5
6
7
8
9
10
11
12
48 47 46 45 44 43 42 41 40 39 38
13 14 15 16 17 18 19 20 21 22 23
37
24
DAC2932
(V−DAC Section)
NC
+VAV
IOUT2
IOUT2
AGND
+VA
IOUT1
IOUT1
REFIN
+VA
AGND
AGND
D11 (MSB)
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0 (LSB)
Terminal Functions
TERMINAL
NAME
NO.
I/O
DESCRIPTION
D11:D0
1:12
I
Parallel data input port for the dual I-DACs; MSB = D11, LSB = D0; interleaved operation.
DGND
13
Digital ground of I-DAC
+VD
14
Digital supply of I-DAC; 2.7V to 3.3V
CLK
15
I
Clock input of I-DAC
PD
16
I
Power-down pin; active high; a logic high initiates power-down mode.
STBY
17
I
Standby pin of I-DAC; active low; a logic low initiates Standby mode with PD = Low.
A logic high configures the I-DAC for normal operation; pin will resume a high state if left open.
CS
18
I
Chip select; active low; enables the parallel data port of the I−DACs; if used as chip select in applications
using multiple DAC2932 devices, the parallel port data must be scrambled for proper functionality. Pin will
resume a low state if left open.
GSET
19
I
Gain-setting mode. A logic high enables the use of two separate full-scale adjust resistors on pins FSA1
and FSA2. A logic low allows the use of a common full-scale adjust resistor connected to FSA1. The
function of the FSA2 pin is disabled, and any remaining resistor has no effect. The value for the RSET
resistor remains the same for a given full-scale range, regardless of the selected GSET mode. Pin will
resume a low state if left open.
DGND
20
Digital ground of I-DAC
AGND
21
Analog ground of I-DAC
AGND
22
Analog ground of I-DAC
FSA2
23
I
Full-scale adjust of I-DAC2; connect external gain setting resistor RSET2 = 19.6kΩ.
FSA1
24
I
Full-scale adjust of I-DAC1; connect external gain setting resistor RSET1 = 19.6kΩ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com