Electronic Components Datasheet Search
  English  ▼

X  

DAC2932 Datasheet(PDF) 11 Page - Texas Instruments

Part # DAC2932
Description  Dual, 12-Bit, 40MSPS Digital-to-Analog Converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC2932 Datasheet(HTML) 11 Page - Texas Instruments

Back Button DAC2932 Datasheet HTML 7Page - Texas Instruments DAC2932 Datasheet HTML 8Page - Texas Instruments DAC2932 Datasheet HTML 9Page - Texas Instruments DAC2932 Datasheet HTML 10Page - Texas Instruments DAC2932 Datasheet HTML 11Page - Texas Instruments DAC2932 Datasheet HTML 12Page - Texas Instruments DAC2932 Datasheet HTML 13Page - Texas Instruments DAC2932 Datasheet HTML 14Page - Texas Instruments DAC2932 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
DAC2932
SBAS279D − AUGUST 2003 − REVISED JULY 2005
www.ti.com
11
TYPICAL CHARACTERISTICS (continued)
TA = +25°C, +VA = +VAV = +3V, +VD = +VDV = +3V, IOUTFS = 2mA, differential transformer-coupled output (n = 4:1), RL = 400Ω on I-DAC,
RL = 2kΩ on V-DAC, and GSET = H unless otherwise noted.
Figure 9
80
75
70
65
60
55
50
0
2
4
6
8
10
12
16
14
18
20
fOUT (MHz)
SFDR vs IOUT FS AND fOUT AT 40MSPS, 0dBFS
1.5mA
0.5mA
1mA
2mA
Figure 10
SFDR vs TEMPERATURE
−40
80
75
70
65
60
55
50
−30
70
−20
40
60
50
80 85
−10 0 10 20 30
Temperature (
_C)
2.2MHz, 40MSPS
1MHz, 20MSPS
10MHz, 40MSPS
19.9MHz, 40MSPS
Figure 11
TOTAL HARMONIC DISTORTION vs
fCLK AT fOUT =2.2MHZ
5
−60
−65
−70
−75
−80
40
35
30
25
20
15
10
fCLK (MSPS)
Figure 12
TOTAL HARMONIC DISTORTION vs TEMPERATURE
fOUT = 1MHz at 20MSPS
−40
−50
−55
−60
−65
−70
−75
−80
−85
−90
−30
70
−20
40
60
50
80 85
−10 0 10 20 30
Temperature (
_C)
Figure 13
1.223
1.222
1.221
1.220
1.219
1.218
1.217
1.216
1.215
−40
−20
0
20
40
60
80 85
Temperature (
_C)
REFERENCE VOLTAGE vs TEMPERATURE
Figure 14
1.2201
1.2200
1.2199
2.72.8
2.93.0
3.13.2
3.3
Supply Voltage (V)
REFERENCE VOLTAGE vs SUPPLY VOLTAGE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com