Electronic Components Datasheet Search
  English  ▼

X  

INA121 Datasheet(PDF) 4 Page - Texas Instruments

Part # INA121
Description  FET-Input, Low Power INSTRUMENTATION AMPLIFIER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA121 Datasheet(HTML) 4 Page - Texas Instruments

  INA121 Datasheet HTML 1Page - Texas Instruments INA121 Datasheet HTML 2Page - Texas Instruments INA121 Datasheet HTML 3Page - Texas Instruments INA121 Datasheet HTML 4Page - Texas Instruments INA121 Datasheet HTML 5Page - Texas Instruments INA121 Datasheet HTML 6Page - Texas Instruments INA121 Datasheet HTML 7Page - Texas Instruments INA121 Datasheet HTML 8Page - Texas Instruments INA121 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
4
®
INA121
TYPICAL PERFORMANCE CURVES
At TA = +25°C, VS = ±15V, unless otherwise noted.
NEGATIVE POWER SUPPLY REJECTION
vs FREQUENCY
Frequency (Hz)
10
100
10k
100k
1M
1k
120
100
80
60
40
20
0
G
= 1000V/V
G
= 1V/V
G
= 10V/V
G
= 100V/V
INPUT COMMON-MODE RANGE
vs OUTPUT VOLTAGE, V
S = ±15V
Output Voltage (V)
–15
–10
0
5
15
–5
15
10
5
0
–5
–10
–15
10
VD/2
+
–
+
–
+
VCM
VO
VD/2
Ref
–15V
+15V
G
= 1
G
≥ 10
POSITIVE POWER SUPPLY REJECTION
vs FREQUENCY
Frequency (Hz)
10
100
10k
100k
1M
1k
120
100
80
60
40
20
0
G
= 1000V/V
G
= 1V/V
G
= 10V/V
G
= 100V/V
COMMON-MODE REJECTION
vs FREQUENCY
Frequency (Hz)
10
100
10k
100k
1M
1k
120
100
80
60
40
20
0
G
= 1000V/V
G
= 1V/V
G
= 10V/V
G
= 100V/V
INPUT COMMON-MODE RANGE
vs OUTPUT VOLTAGE, V
S = ±5V, ±2.5V
Output Voltage (V)
–5
5
4
3
2
1
0
–1
–2
–3
–4
–5
–4
–3
–2
–1
0
1
2
3
4
5
V
S = ±5V
V
S = ±2.5V
G = 1
G
≥ 10
G = 1
G
≥ 10
GAIN vs FREQUENCY
Frequency (Hz)
1k
10k
1M
10M
100k
60
50
40
30
20
10
0
–10
–20
G
= 1000V/V
G
= 100V/V
G
= 10V/V
G
= 1V/V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com