Electronic Components Datasheet Search
  English  ▼

X  

INA121 Datasheet(PDF) 11 Page - Texas Instruments

Part # INA121
Description  FET-Input, Low Power INSTRUMENTATION AMPLIFIER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA121 Datasheet(HTML) 11 Page - Texas Instruments

Back Button INA121 Datasheet HTML 7Page - Texas Instruments INA121 Datasheet HTML 8Page - Texas Instruments INA121 Datasheet HTML 9Page - Texas Instruments INA121 Datasheet HTML 10Page - Texas Instruments INA121 Datasheet HTML 11Page - Texas Instruments INA121 Datasheet HTML 12Page - Texas Instruments INA121 Datasheet HTML 13Page - Texas Instruments INA121 Datasheet HTML 14Page - Texas Instruments INA121 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
11
®
INA121
INA121
Transducer
C
1
C
2
Null
R
2
R
1
R
G
V
O
Ref
V
AC
INA121
OPA277
C
1
50nF
R
G
R
2
R
G
Make G
≤ 10 where G = 1 + 50k
Load
V
IN
G • R
2
I
L =
R
1
10k
Ω
V
IN
Ref
INA121
R
G
V
O
C
1
0.1µF
OPA277
Ref
R
1
1M
Ω
f
–3dB =
1
2
πR
1C1
= 1.59Hz
V
IN
+
–
INA121
ISO124
±6V to ±18V
Isolated Power
±15V
Ref
V
IN
–
V
IN
+
V
O
Isolated
Common
V+
V–
FIGURE 8. Galvanically Isolated Instrumentation
Amplifier.
FIGURE 7. High-Pass Input Filter.
FIGURE 10. Voltage Controlled Current Source.
FIGURE 9. AC-Coupled Instrumentation Amplifier.
INA121
C
1
C
2
R
1
R
2
V
O
2
πR
1C1
1
f
c =
NOTE: To preserve good low frequency CMR,
make R
1 = R2 and C1 = C2.
R
G
Ref
FIGURE 11. Capacitive Bridge Transducer Circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com