Electronic Components Datasheet Search
  English  ▼

X  

INA121 Datasheet(PDF) 6 Page - Texas Instruments

Part # INA121
Description  FET-Input, Low Power INSTRUMENTATION AMPLIFIER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA121 Datasheet(HTML) 6 Page - Texas Instruments

Back Button INA121 Datasheet HTML 2Page - Texas Instruments INA121 Datasheet HTML 3Page - Texas Instruments INA121 Datasheet HTML 4Page - Texas Instruments INA121 Datasheet HTML 5Page - Texas Instruments INA121 Datasheet HTML 6Page - Texas Instruments INA121 Datasheet HTML 7Page - Texas Instruments INA121 Datasheet HTML 8Page - Texas Instruments INA121 Datasheet HTML 9Page - Texas Instruments INA121 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
6
®
INA121
TYPICAL PERFORMANCE CURVES (CONT)
At TA = +25°C, VS = ±15V, unless otherwise noted.
VOLTAGE NOISE 0.1 TO 10Hz
INPUT-REFERRED, G
≥ 100
1s /div
OUTPUT VOLTAGE SWING vs OUTPUT CURRENT
V+
(V+) –0.3
(V+) –0.6
(V+) –0.9
(V+) –1.2
(V+) –1.5
(V–) +1.5
(V–) +1.2
(V–) +0.9
(V–) +0.6
(V–) +0.3
(V–)
0
±2
±4
±6
±8
±10
Output Current (mA)
+125°C
+125°C
+85°C
+85°C
–40°C, –55°C
–40°C, –55°C
+25°C
+25°C
INPUT OFFSET VOLTAGE WARM-UP
10
8
6
4
2
0
–2
–4
–6
–8
–10
0
100
200
300
400
500
Time (µs)
INPUT OFFSET VOLTAGE DRIFT
PRODUCTION DISTRIBUTION
Offset Voltage Drift (µV/°C)
18
16
14
12
10
8
6
4
2
0
Typical production
distribution of
packaged units.
0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5 5.5 6 6.5 7 7.5 8 8.5 9 9.5 10
MAXIMUM OUTPUT VOLTAGE vs FREQUENCY
30
25
20
15
10
5
0
100
1k
10k
100k
1M
Frequency (Hz)
G = 1000
G = 10 to 100
G = 1
INPUT-REFERRED NOISE VOLTAGE
vs FREQUENCY
Frequency (Hz)
1
10
1k
10k
100
1000
100
10
1
G
= 1
G
= 10
G
= 1000
(BW Limit)
G
= 100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com