Electronic Components Datasheet Search
  English  ▼

X  

INA121 Datasheet(PDF) 5 Page - Texas Instruments

Part # INA121
Description  FET-Input, Low Power INSTRUMENTATION AMPLIFIER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA121 Datasheet(HTML) 5 Page - Texas Instruments

  INA121 Datasheet HTML 1Page - Texas Instruments INA121 Datasheet HTML 2Page - Texas Instruments INA121 Datasheet HTML 3Page - Texas Instruments INA121 Datasheet HTML 4Page - Texas Instruments INA121 Datasheet HTML 5Page - Texas Instruments INA121 Datasheet HTML 6Page - Texas Instruments INA121 Datasheet HTML 7Page - Texas Instruments INA121 Datasheet HTML 8Page - Texas Instruments INA121 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
5
®
INA121
INPUT BIAS CURRENT vs TEMPERATURE
Temperature (°C)
10k
1k
100
10
1
0.1
0.01
–75
–50
–25
0
25
50
75
100
125
I
B
I
OS
TYPICAL PERFORMANCE CURVES (CONT)
At TA = +25°C, VS = ±15V, unless otherwise noted.
INPUT OVER-VOLTAGE V/I CHARACTERISTICS
1
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
–1
Input Voltage (V)
–50
–40
–30
–20
–10
10
20
30
40
050
G = 1V/V
G = 1000V/V
G = 1V/V
Flat region represents
normal linear operation.
VIN
IIN
–15V
+15V
G = 1000V/V
QUIESCENT CURRENT AND SLEW RATE
vs TEMPERATURE
500
475
450
425
400
375
–75
–50
–25
0
25
50
75
100
125
Temperature (°C)
1.4
1.2
1
0.8
0.6
0.4
SR
I
Q
SHORT-CIRCUIT CURRENT
vs TEMPERATURE
±15
±14
±13
±12
±11
±10
–75
–50
–25
0
25
50
75
100
125
Temperature (°C)
+I
SC
–I
SC
SETTLING TIME vs GAIN
1000
100
10
1
10
100
1000
Gain (V/V)
0.01%
0.1%
INPUT BIAS CURRENT
vs COMMON-MODE INPUT VOLTAGE
1m
100µ
10µ
10p
1p
–10µ
–100µ
–1m
–20
–15
–10
–5
0
5
10
15
20
Common-Mode Voltage (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com