Electronic Components Datasheet Search
  English  ▼

X  

INA121 Datasheet(PDF) 8 Page - Texas Instruments

Part # INA121
Description  FET-Input, Low Power INSTRUMENTATION AMPLIFIER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA121 Datasheet(HTML) 8 Page - Texas Instruments

Back Button INA121 Datasheet HTML 4Page - Texas Instruments INA121 Datasheet HTML 5Page - Texas Instruments INA121 Datasheet HTML 6Page - Texas Instruments INA121 Datasheet HTML 7Page - Texas Instruments INA121 Datasheet HTML 8Page - Texas Instruments INA121 Datasheet HTML 9Page - Texas Instruments INA121 Datasheet HTML 10Page - Texas Instruments INA121 Datasheet HTML 11Page - Texas Instruments INA121 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
8
®
INA121
APPLICATION INFORMATION
Figure 1 shows the basic connections required for operation
of the INA121. Applications with noisy or high impedance
power supplies may require decoupling capacitors close to
the device pins as shown.
The output is referred to the output reference (Ref) terminal
which is normally grounded. This must be a low-impedance
connection to assure good common-mode rejection. A resis-
tance of 8
Ω in series with the Ref pin will cause a typical
device to degrade to approximately 80dB CMR (G = 1).
SETTING THE GAIN
Gain of the INA121 is set by connecting a single external
resistor, R
G, connected between pins 1 and 8:
Commonly used gains and resistor values are shown in
Figure 1.
(1)
G
= 1 +
50k
Ω
R
G
The 50k
Ω term in Equation 1 comes from the sum of the two
internal feedback resistors of A
1 and A2. These on-chip
metal film resistors are laser trimmed to accurate absolute
values. The accuracy and temperature coefficient of these
resistors are included in the gain accuracy and drift specifi-
cations of the INA121.
The stability and temperature drift of the external gain
setting resistor, RG, also affects gain. RG’s contribution to
gain accuracy and drift can be directly inferred from the gain
equation (1). Low resistor values required for high gain can
make wiring resistance important. Sockets add to the wiring
resistance which will contribute additional gain error (possi-
bly an unstable gain error) in gains of approximately 100 or
greater.
DYNAMIC PERFORMANCE
The typical performance curve “Gain vs Frequency” shows
that, despite its low quiescent current, the INA121 achieves
wide bandwidth, even at high gain. This is due to the
current-feedback topology of the INA121. Settling time also
remains excellent at high gain.
A
1
A
2
A
3
6
40k
Ω
40k
Ω
40k
Ω
40k
Ω
7
4
3
8
1
2
V
IN
V
IN
R
G
V+
V–
INA121
G = 1 +
50k
Ω
R
G
–
+
5
Over-Voltage
Protection
25k
Ω
25k
Ω
Over-Voltage
Protection
Load
V
O = G • (VIN – VIN)
+
–
0.1µF
0.1µF
+
–
V
O
R
G
Also drawn in simplified form:
INA121
Ref
V
O
V
IN
–
V
IN
+
Ref
DESIRED
RG
NEAREST 1% RG
GAIN
(
Ω)(Ω)
1NC
NC
2
50.00k
49.9k
5
12.50k
12.4k
10
5.556k
5.62k
20
2.632k
2.61k
50
1.02k
1.02k
100
505.1
511
200
251.3
249
500
100.2
100
1000
50.05
49.9
2000
25.01
24.9
5000
10.00
10
10000
5.001
4.99
NC: No Connection.
FIGURE 1. Basic Connections.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com