Electronic Components Datasheet Search
  English  ▼

X  

INA317 Datasheet(PDF) 5 Page - Texas Instruments

Part # INA317
Description  INA317 Micro-Power (50-μA), Zero-Drift, Rail-to-Rail-Out Instrumentation Amplifier
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA317 Datasheet(HTML) 5 Page - Texas Instruments

  INA317 Datasheet HTML 1Page - Texas Instruments INA317 Datasheet HTML 2Page - Texas Instruments INA317 Datasheet HTML 3Page - Texas Instruments INA317 Datasheet HTML 4Page - Texas Instruments INA317 Datasheet HTML 5Page - Texas Instruments INA317 Datasheet HTML 6Page - Texas Instruments INA317 Datasheet HTML 7Page - Texas Instruments INA317 Datasheet HTML 8Page - Texas Instruments INA317 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
5
INA317
www.ti.com
SBOS896 – NOVEMBER 2017
Product Folder Links: INA317
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
Total VOS, referred-to-input = (VOSI) + (VOSO / G)
(2)
RTI = Referred-to-input
(3)
300-hour life test at 150°C demonstrated randomly distributed variation of approximately 1 μV
(4)
Does not include effects of external resistor RG
6.5 Electrical Characteristics
for VS = 1.8 V to 5.5 V at TA = 25°C, RL = 10 kΩ, VREF = VS / 2, and G = 1 (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INPUT(1)
VOSI
Offset voltage, RTI(2)
±10 ±25 / G
±75 ±75 / G
μV
PSR
vs temperature, TA = –40°C to 125°C
±0.3 ±0.5 / G
μV/°C
vs power supply,1.8 V
≤ VS ≤ 5.5 V
±1 ±5 / G
±5 ±15 / G
μV/V
Long-term stability
See (3)
Turnon time to specified VOSI
TA = –40°C to 125°C
See Typical Characteristics
Impedance
ZIN
Differential
100 || 3
GΩ || pF
ZIN
Common-mode
100 || 3
GΩ || pF
VCM
Common-mode voltage range
VO = 0 V
(V–) + 0.1
(V+) – 0.1
V
CMR
Common-mode rejection
DC to 60 Hz
VCM = (V–) + 0.1 V
to (V+) – 0.1 V, G = 1
80
90
dB
VCM = (V–) + 0.1 V
to (V+) – 0.1 V, G = 10
100
110
dB
VCM = (V–) + 0.1 V
to (V+) – 0.1 V, G = 100,
100
115
dB
VCM = (V–) + 0.1 V
to (V+) – 0.1 V, G = 1000
100
115
dB
INPUT BIAS CURRENT
IB
Input bias current
±70
±200
pA
vs temperature
TA = –40°C to 125°C
See Figure 26
pA/°C
IOS
Input offset current
±50
±200
pA
vs temperature
TA = –40°C to 125°C
See Figure 28
pA/°C
INPUT VOLTAGE NOISE
eNI
Input voltage noise
G = 100, RS = 0 Ω, f = 10 Hz
50
nV/
√Hz
G = 100, RS = 0 Ω, f = 100 Hz
50
nV/
√Hz
G = 100, RS = 0 Ω, f = 1 kHz
50
nV/
√Hz
G = 100, RS = 0 Ω, f = 0.1 Hz to 10 Hz
1
μVPP
iN
Input current noise
f = 10 Hz
100
fA/
√Hz
f = 0.1 Hz to 10 Hz
2
pAPP
GAIN
G
Gain equation
1 + (100 kΩ / RG)
V/V
Range of gain
1
1000
V/V
Gain error
VS = 5.5 V, (V–) + 100 mV
≤ VO ≤ (V+) – 100 mV
G = 1
±0.01%
±0.1%
G = 10
±0.05%
±0.25%
G = 100
±0.07%
±0.25%
G = 1000
±0.25%
±0.5%
Gain vs temperature, G = 1
TA = –40°C to 125°C
±1
±5
ppm/°C
Gain vs temperature, G > 1(4)
TA = –40°C to 125°C
±15
±50
ppm/°C
Gain nonlinearity
VS = 5.5 V, (V–) + 100 mV
≤ VO ≤ (V+) – 100 mV
Gain nonlinearity, G = 1 to 1000
RL = 10 kΩ
10
ppm
OUTPUT
Output voltage swing from rail
VS = 5.5 V
RL = 10 kΩ
See Figure 29
50
mV
Capacitive load drive
500
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com