Electronic Components Datasheet Search
  English  ▼

X  

INA317 Datasheet(PDF) 6 Page - Texas Instruments

Part # INA317
Description  INA317 Micro-Power (50-μA), Zero-Drift, Rail-to-Rail-Out Instrumentation Amplifier
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA317 Datasheet(HTML) 6 Page - Texas Instruments

Back Button INA317 Datasheet HTML 2Page - Texas Instruments INA317 Datasheet HTML 3Page - Texas Instruments INA317 Datasheet HTML 4Page - Texas Instruments INA317 Datasheet HTML 5Page - Texas Instruments INA317 Datasheet HTML 6Page - Texas Instruments INA317 Datasheet HTML 7Page - Texas Instruments INA317 Datasheet HTML 8Page - Texas Instruments INA317 Datasheet HTML 9Page - Texas Instruments INA317 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
6
INA317
SBOS896 – NOVEMBER 2017
www.ti.com
Product Folder Links: INA317
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Electrical Characteristics (continued)
for VS = 1.8 V to 5.5 V at TA = 25°C, RL = 10 kΩ, VREF = VS / 2, and G = 1 (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ISC
Short-circuit current
Continuous to common
–40, 5
mA
FREQUENCY RESPONSE
Bandwidth, –3 dB
G = 1
150
kHz
G = 10
35
kHz
G = 100
3.5
kHz
G = 1000
350
Hz
SR
Slew rate
VS = 5 V, VO = 4-V step, G = 1
0.16
V/μs
VS = 5 V, VO = 4-V step, G = 100
0.05
V/μs
tS
Settling time to 0.01%
VSTEP = 4 V, G = 1
50
μs
VSTEP = 4 V, G = 100
400
μs
tS
Settling time to 0.001%
VSTEP = 4 V, G = 1
60
μs
VSTEP = 4 V, G = 100
500
μs
Overload recovery
50% overdrive
75
μs
REFERENCE INPUT
RIN
300
kΩ
Voltage range
V–
V+
V
POWER SUPPLY
Voltage range
Single voltage range
1.8
5.5
V
Dual voltage range
±0.9
±2.75
V
IQ
Quiescent current vs temperature
VIN = VS / 2
50
75
μA
TA = –40°C to 125°C
80
μA
TEMPERATURE RANGE
Specified temperature range
–40
125
°C
Operating temperature range
–40
150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com