Electronic Components Datasheet Search
  English  ▼

X  

INA317 Datasheet(PDF) 9 Page - Texas Instruments

Part # INA317
Description  INA317 Micro-Power (50-μA), Zero-Drift, Rail-to-Rail-Out Instrumentation Amplifier
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA317 Datasheet(HTML) 9 Page - Texas Instruments

Back Button INA317 Datasheet HTML 5Page - Texas Instruments INA317 Datasheet HTML 6Page - Texas Instruments INA317 Datasheet HTML 7Page - Texas Instruments INA317 Datasheet HTML 8Page - Texas Instruments INA317 Datasheet HTML 9Page - Texas Instruments INA317 Datasheet HTML 10Page - Texas Instruments INA317 Datasheet HTML 11Page - Texas Instruments INA317 Datasheet HTML 12Page - Texas Instruments INA317 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
CMRR (µV/V)
10
8
6
4
2
0
-2
4
6
8
10
-
-
-
-
-50
-25
0
25
50
75
100
Temperature (°C)
G = 100,
G = 1000
150
V = 2.75 V
S
±
V = ±0.9 V
S
125
G = 1
G = 10
80
60
40
20
0
20
40
60
-
-
-
10
100
1k
10k
Frequency(Hz)
1M
G=1
G=1000
G=100
G=10
100k
Time (50 µs/div)
Supply
V
OUT
10000
1000
100
10
1
10
100
Gain(V/V)
1000
0.01%
0.001%
0.1%
Time (100 µs/div)
9
INA317
www.ti.com
SBOS896 – NOVEMBER 2017
Product Folder Links: INA317
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Typical Characteristics (continued)
at TA = 25°C, VS = 5 V, RL = 10 kΩ, VREF = midsupply, and G = 1, (unless otherwise noted)
Gain = 100
Figure 13. Small-Signal Step Response
Figure 14. Settling Time vs Gain
Gain = 1
Figure 15. Start-Up Settling Time
Figure 16. Gain vs Frequency
VS = 5.5 V
Figure 17. Common-Mode Rejection Ratio
Figure 18. Common-Mode Rejection Ratio vs Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com