Electronic Components Datasheet Search
  English  ▼

X  

INA317 Datasheet(PDF) 7 Page - Texas Instruments

Part # INA317
Description  INA317 Micro-Power (50-μA), Zero-Drift, Rail-to-Rail-Out Instrumentation Amplifier
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA317 Datasheet(HTML) 7 Page - Texas Instruments

Back Button INA317 Datasheet HTML 3Page - Texas Instruments INA317 Datasheet HTML 4Page - Texas Instruments INA317 Datasheet HTML 5Page - Texas Instruments INA317 Datasheet HTML 6Page - Texas Instruments INA317 Datasheet HTML 7Page - Texas Instruments INA317 Datasheet HTML 8Page - Texas Instruments INA317 Datasheet HTML 9Page - Texas Instruments INA317 Datasheet HTML 10Page - Texas Instruments INA317 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
0
-5
10
15
20
25
-
-
-
-
0
0.5
1.0
1.5
V
(V)
CM
5.0
2.0
V = 5 V
S
3.0
4.0
2.5
3.5
4.5
V = 1.8 V
S
Time (1 s/div)
Output Voltage Offset Drift (µV/°C)
Output Offset Voltage (µV)
Input Voltage Offset Drift (µV/°C)
Input Offset Voltage (µV)
7
INA317
www.ti.com
SBOS896 – NOVEMBER 2017
Product Folder Links: INA317
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
6.6 Typical Characteristics
at TA = 25°C, VS = 5 V, RL = 10 kΩ, VREF = midsupply, and G = 1, (unless otherwise noted)
VS = 5.5 V
Figure 1. Input Offset Voltage
VS = 5.5 V
TA = –40°C to +125°C
Figure 2. Input Voltage Offset Drift
VS = 5.5 V
Figure 3. Output Offset Voltage
VS = 5.5 V
TA = –40°C to +125°C
Figure 4. Output Voltage Offset Drift
Figure 5. Offset Voltage vs Common-Mode Voltage
Gain = 1
Figure 6. 0.1-Hz to 10-Hz Noise



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com