Electronic Components Datasheet Search
  English  ▼

X  

INA317 Datasheet(PDF) 14 Page - Texas Instruments

Part # INA317
Description  INA317 Micro-Power (50-μA), Zero-Drift, Rail-to-Rail-Out Instrumentation Amplifier
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA317 Datasheet(HTML) 14 Page - Texas Instruments

Back Button INA317 Datasheet HTML 10Page - Texas Instruments INA317 Datasheet HTML 11Page - Texas Instruments INA317 Datasheet HTML 12Page - Texas Instruments INA317 Datasheet HTML 13Page - Texas Instruments INA317 Datasheet HTML 14Page - Texas Instruments INA317 Datasheet HTML 15Page - Texas Instruments INA317 Datasheet HTML 16Page - Texas Instruments INA317 Datasheet HTML 17Page - Texas Instruments INA317 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 33 page
background image
A
1
A
2
A
3
6
150 k
150 k
150 k
150 k
7
4
3
8
1
2
V
IN-
V
IN+
R
G
V+
V-
INA317
G = 1 +
100 k
R
G
5
RFI Filter
50 k
50 k
RFI Filter
Load
V = G ´ (V
- V
)
O
IN+
IN-
0.1 mF
0.1 mF
+
-
V
O
R
G
Also drawn in simplified form:
INA317
Ref
V
O
V
IN-
V
IN+
Ref
RFI Filter
RFI Filter
Copyright © 2017, Texas Instruments Incorporated
14
INA317
SBOS896 – NOVEMBER 2017
www.ti.com
Product Folder Links: INA317
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The INA317 measures small differential voltage with high common-mode voltage that develops between the
noninverting and inverting input. The high input impedance makes the INA317 designed for a wide range of
applications. The ability to set the reference pin to adjust the functionality of the output signal offers additional
flexibility that is practical for multiple configurations.
8.2 Typical Application
Figure 32 shows the basic connections required for operation of the INA317 device. Good layout practice
mandates the use of bypass capacitors placed close to the device pins as shown.
The output of the INA317 device is referred to the output reference (REF) pin, which is normally grounded. This
connection must be low-impedance to ensure good common-mode rejection. Although 15
Ω or less of stray
resistance is tolerated while maintaining specified CMRR, small stray resistances of tens of ohms in series with
the REF pin causes noticeable degradation in CMRR.
Figure 32. Basic Connections



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com