Electronic Components Datasheet Search
  English  ▼

X  

INA901-SP Datasheet(PDF) 2 Page - Texas Instruments

Part # INA901-SP
Description  INA901-SP Radiation Hardened, –15-V to 65-V Common Mode, Unidirectional Current-Shunt Monitor
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA901-SP Datasheet(HTML) 2 Page - Texas Instruments

  INA901-SP Datasheet HTML 1Page - Texas Instruments INA901-SP Datasheet HTML 2Page - Texas Instruments INA901-SP Datasheet HTML 3Page - Texas Instruments INA901-SP Datasheet HTML 4Page - Texas Instruments INA901-SP Datasheet HTML 5Page - Texas Instruments INA901-SP Datasheet HTML 6Page - Texas Instruments INA901-SP Datasheet HTML 7Page - Texas Instruments INA901-SP Datasheet HTML 8Page - Texas Instruments INA901-SP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
2
INA901-SP
SBOS938C – OCTOBER 2018 – REVISED JUNE 2020
www.ti.com
Product Folder Links: INA901-SP
Submit Documentation Feedback
Copyright © 2018–2020, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Pin Configuration and Functions ......................... 3
6
Specifications......................................................... 3
6.1
Absolute Maximum Ratings ...................................... 3
6.2
ESD Ratings.............................................................. 3
6.3
Recommended Operating Conditions ....................... 4
6.4
Thermal Information .................................................. 4
6.5
Electrical Characteristics........................................... 5
6.6
Quality Conformance Inspection ............................... 6
6.7
Typical Characteristics .............................................. 7
7
Detailed Description ............................................ 10
7.1
Overview ................................................................. 10
7.2
Functional Block Diagram ....................................... 10
7.3
Feature Description................................................. 11
7.4
Device Functional Modes........................................ 13
8
Application and Implementation ........................ 16
8.1
Application Information............................................ 16
8.2
Typical Application .................................................. 16
9
Power Supply Recommendations ...................... 18
10
Layout................................................................... 19
10.1
Layout Guidelines ................................................. 19
10.2
Layout Example .................................................... 19
11
Device and Documentation Support ................. 20
11.1
Documentation Support ........................................ 20
11.2
Receiving Notification of Documentation Updates 20
11.3
Community Resources.......................................... 20
11.4
Trademarks ........................................................... 20
11.5
Electrostatic Discharge Caution ............................ 20
11.6
Glossary ................................................................ 20
12
Mechanical, Packaging, and Orderable
Information ........................................................... 21
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision B (December 2018) to Revision C
Page
•
Changed Radiation Hardness Assured (RHA) at the low dose rate from: 100 krad(Si) to: 50 krad(Si)................................. 1
•
Changed Single Event Latch-up (SEL) immunity at 125 °C from: 93 MeV-cm
2/mg to: 75 MeV-cm2/mg............................... 1
•
Changed common-mode input voltage maximum from: 80 V to: 65 V .................................................................................. 1
•
Changed recommended VCM minimum from: –16 V to: –15 V throughout data sheet........................................................... 5
•
Removed CLOAD = 1000 pF text condition from the Gain vs Frequency graph ...................................................................... 7
Changes from Revision A (December 2018) to Revision B
Page
•
Changed the device status from Advance Information to Production Data............................................................................ 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com