Electronic Components Datasheet Search
  English  ▼

X  

INA901-SP Datasheet(PDF) 3 Page - Texas Instruments

Part # INA901-SP
Description  INA901-SP Radiation Hardened, –15-V to 65-V Common Mode, Unidirectional Current-Shunt Monitor
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA901-SP Datasheet(HTML) 3 Page - Texas Instruments

  INA901-SP Datasheet HTML 1Page - Texas Instruments INA901-SP Datasheet HTML 2Page - Texas Instruments INA901-SP Datasheet HTML 3Page - Texas Instruments INA901-SP Datasheet HTML 4Page - Texas Instruments INA901-SP Datasheet HTML 5Page - Texas Instruments INA901-SP Datasheet HTML 6Page - Texas Instruments INA901-SP Datasheet HTML 7Page - Texas Instruments INA901-SP Datasheet HTML 8Page - Texas Instruments INA901-SP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
1
2
3
4
8
7
6
5
IN+
NC
(1)
V+
OUT
IN-
GND
PRE OUT
BUF IN
INA901
3
INA901-SP
www.ti.com
SBOS938C – OCTOBER 2018 – REVISED JUNE 2020
Product Folder Links: INA901-SP
Submit Documentation Feedback
Copyright © 2018–2020, Texas Instruments Incorporated
(1)
A = analog, P = power, GND = ground
5 Pin Configuration and Functions
HKX Package
8-Pin CFP
Top View
NOTE (1): NC denotes no internal connection.
Pin Functions
PIN
I/O
TYPE(1)
DESCRIPTION
NAME
NO.
BUF IN
4
I
A
Connect to output of filter from PRE OUT.
GND
2
—
GND
Ground.
IN–
1
I
A
Connect to load side of shunt resistor.
IN+
8
I
A
Connect to supply side of shunt resistor.
NC
7
—
—
Recommend connect to ground.
OUT
5
O
A
Output voltage.
PRE OUT
3
O
A
Connect to input of filter to BUF IN.
V+
6
—
P
Power supply, 2.7 V to 18 V.
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
6 Specifications
6.1 Absolute Maximum Ratings
(1)
MIN
MAX
UNIT
Supply voltage (VS)
18
V
Analog inputs, VIN+, VIN–
Differential, (VIN+) – (VIN–)
–18
18
V
Common-mode
–16
65
Analog output: OUT and PRE OUT pins
GND – 0.3
(V+) + 0.3
V
Input current into any pin
5
mA
Operating temperature
–55
150
°C
Junction temperature
150
°C
Storage temperature, Tstg
–65
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±3000
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±1000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com