Electronic Components Datasheet Search
  English  ▼

X  

INA901-SP Datasheet(PDF) 13 Page - Texas Instruments

Part # INA901-SP
Description  INA901-SP Radiation Hardened, –15-V to 65-V Common Mode, Unidirectional Current-Shunt Monitor
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA901-SP Datasheet(HTML) 13 Page - Texas Instruments

Back Button INA901-SP Datasheet HTML 9Page - Texas Instruments INA901-SP Datasheet HTML 10Page - Texas Instruments INA901-SP Datasheet HTML 11Page - Texas Instruments INA901-SP Datasheet HTML 12Page - Texas Instruments INA901-SP Datasheet HTML 13Page - Texas Instruments INA901-SP Datasheet HTML 14Page - Texas Instruments INA901-SP Datasheet HTML 15Page - Texas Instruments INA901-SP Datasheet HTML 16Page - Texas Instruments INA901-SP Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
a) Single-Pole Filter
b) Second-Order, Sallen-Key Filter
A1
A2
Single-Pole Filter
Capacitor
+2.7 V to +18 V
5 kW
5 kW
96 kW
R
L
PRE OUT
BUF IN
GND
Output
IN-
IN+
V+
Load
Supply
R
S
A1
A2
Second-Order, Sallen-Key Filter Connection
+2.7 V to +18 V
C
FILT
C
FILT
5 kW
5 kW
96 kW
R
L
PRE OUT
BUF IN
GND
Output
IN-
IN+
V+
Load
Supply
R
S
R
S
13
INA901-SP
www.ti.com
SBOS938C – OCTOBER 2018 – REVISED JUNE 2020
Product Folder Links: INA901-SP
Submit Documentation Feedback
Copyright © 2018–2020, Texas Instruments Incorporated
7.4 Device Functional Modes
7.4.1 First- or Second-Order Filtering
The output of the INA901-SP is accurate within the output voltage swing range set by the power-supply pin, V+.
The INA901-SP readily enables the inclusion of filtering between the preamp output and buffer input. Single-pole
filtering can be accomplished with a single capacitor because of the 96-k
Ω output impedance at PRE OUT on pin
3, as shown in Figure 16a.
The INA901-SP readily lends itself to second-order Sallen-Key configurations, as shown in Figure 16b. When
designing these configurations consider that the PRE OUT 96-k
Ω output impedance exhibits an initial variation of
±30% with the addition of a –2200-ppm/°C temperature coefficient.
NOTE: Remember to use the appropriate buffer gain = 2 when designing Sallen-Key configurations.
Figure 16. The INA901-SP Can Be Easily Connected for First- or Second-Order Filtering
7.4.2 Accuracy Variations as a Result of VSENSE and Common-Mode Voltage
The accuracy of the INA901-SP current shunt monitor is a function of two main variables: VSENSE (VIN+ – VIN–)
and common-mode voltage (VCM) relative to the supply voltage, VS. VCM is expressed as (VIN+ + VIN–) / 2;
however, in practice, VCM is used as the voltage at VIN+ because the voltage drop across VSENSE is usually small.
This section addresses the accuracy of these specific operating regions:
Normal Case 1: VSENSE ≥ 20 mV, VCM ≥ VS
Normal Case 2: VSENSE ≥ 20 mV, VCM < VS
Low VSENSE Case 1:
VSENSE < 20 mV, –15 V ≤ VCM < 0
Low VSENSE Case 2:
VSENSE < 20 mV, 0 V ≤ VCM ≤ VS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com