Electronic Components Datasheet Search
  English  ▼

X  

INA901-SP Datasheet(PDF) 6 Page - Texas Instruments

Part # INA901-SP
Description  INA901-SP Radiation Hardened, –15-V to 65-V Common Mode, Unidirectional Current-Shunt Monitor
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA901-SP Datasheet(HTML) 6 Page - Texas Instruments

Back Button INA901-SP Datasheet HTML 2Page - Texas Instruments INA901-SP Datasheet HTML 3Page - Texas Instruments INA901-SP Datasheet HTML 4Page - Texas Instruments INA901-SP Datasheet HTML 5Page - Texas Instruments INA901-SP Datasheet HTML 6Page - Texas Instruments INA901-SP Datasheet HTML 7Page - Texas Instruments INA901-SP Datasheet HTML 8Page - Texas Instruments INA901-SP Datasheet HTML 9Page - Texas Instruments INA901-SP Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
6
INA901-SP
SBOS938C – OCTOBER 2018 – REVISED JUNE 2020
www.ti.com
Product Folder Links: INA901-SP
Submit Documentation Feedback
Copyright © 2018–2020, Texas Instruments Incorporated
Electrical Characteristics (continued)
VS = 2.7 V and 16 V, VCM = –15 V, 12 V and 65 V, VSENSE = 100 mV, and PRE OUT connected to BUF IN, unless otherwise
noted. TA is as shown in SUBGROUP column.
PARAMETER
TEST CONDITIONS
SUBGROUP(1)
MIN
TYP
MAX
UNIT
(4)
RTI means Referred-to-Input.
NOISE, RTI(4)
en
Voltage noise density
40
nV/
√Hz
POWER SUPPLY
VS
Operating range
[1, 2, 3]
2.7
16
V
IQ
Quiescent current
VOUT = 2 V
[1]
700
900
μA
[2, 3]
700
1200
VSENSE = 0 mV
[1]
350
500
[2, 3]
350
650
6.6 Quality Conformance Inspection
MIL-STD-883, Method 5005 - Group A
SUBGROUP
DESCRIPTION
TEMP (°C)
1
Static tests at
25
2
Static tests at
125
3
Static tests at
–55
4
Dynamic tests at
25
5
Dynamic tests at
125
6
Dynamic tests at
–55
7
Functional tests at
25
8A
Functional tests at
125
8B
Functional tests at
–55
9
Switching tests at
25
10
Switching tests at
125
11
Switching tests at
–55
12
Setting time at
25
13
Setting time at
125
14
Setting time at
–55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com